Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFZ44ES Datasheet(PDF) 6 Page - International Rectifier

Part # IRFZ44ES
Description  Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44ES Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFZ44ES Datasheet HTML 2Page - International Rectifier IRFZ44ES Datasheet HTML 3Page - International Rectifier IRFZ44ES Datasheet HTML 4Page - International Rectifier IRFZ44ES Datasheet HTML 5Page - International Rectifier IRFZ44ES Datasheet HTML 6Page - International Rectifier IRFZ44ES Datasheet HTML 7Page - International Rectifier IRFZ44ES Datasheet HTML 8Page - International Rectifier IRFZ44ES Datasheet HTML 9Page - International Rectifier IRFZ44ES Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFZ44ES/L
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
R G
IAS
0.01
Ω
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
25
50
75
100
125
150
175
0
100
200
300
400
500
Starting T , Junction Temperature( C)
J
°
ID
TOP
BOTTOM
12A
21A
29A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com