Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2653 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2653
Description  Operational amplifier stability compensation methods
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2653 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2653 Datasheet HTML 5Page - STMicroelectronics AN2653 Datasheet HTML 6Page - STMicroelectronics AN2653 Datasheet HTML 7Page - STMicroelectronics AN2653 Datasheet HTML 8Page - STMicroelectronics AN2653 Datasheet HTML 9Page - STMicroelectronics AN2653 Datasheet HTML 10Page - STMicroelectronics AN2653 Datasheet HTML 11Page - STMicroelectronics AN2653 Datasheet HTML 12Page - STMicroelectronics AN2653 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN2653
Out-of-the-loop compensation method
9/22
3.2
Application on the TS507
This compensation method brings very good results in terms of stability, improving strongly
the phase and gain margins. Table 1 and Table 2 show the results obtained for different load
conditions, in the case of voltage follower and gain configurations. Note that ROL is limited to
1% of RL even though better results can be obtained with higher values of ROL.
As expected, Table 1 and Table 2 show that the higher the value of ROL, the better the
compensation (because the best ROL is always its maximum value RL/100).
These results also show that, for a voltage follower configuration, this compensation method
does not work with low RL (and low CL), because the zero frequency cannot be one decade
before the unity-gain frequency of the open loop gain. In the case of the TS507, it works well
only if the ROL.CL product is above 10
-6.
Table 1.
Results of out-of-the-loop compensation for different load conditions in the case of a
voltage follower configuration for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
ROL
(
Ω)
fu/fz
(1)
Mg(2)
(dB)
M
ϕ(2)
(degree)
ROL
(
Ω)
fu/fz
(1)
Mg(2)
(dB)
M
ϕ(2)
(degree)
ROL
(k
Ω)
fu/fz
Mg(2)
(dB)
M
ϕ(2)
(degree)
1nF
-4.1
-28.5
-5
-34.1
-5.1
-34.4
10
0.11
-2.5
-16.8
100
1.13
16
26.9
1
11.3
22.4
52.1
10 nF
-22.2
-78.4
-22.9
-79.5
-23
-79.6
10
1.13
-14
-32.4
100
11.3
23
37
1
112.3
22.6
52.3
100 nF
-34.1
-84.4
-34.4
-84.6
-34.5
-84.6
10
11.3
17.1
6.8
100
113.3
23.4
39.4
1
1126
22.6
52.3
1.
fu/fz cells are shaded when the value is lower than 10, which is not the best case due to ROL limitation.
2.
Negative values indicate instability.
Table 2.
Results of out-of-the-loop compensation for different load conditions in the case of a
gain configuration of either -10 or +11 (Rg = 100 Ω and Rf = 1 kΩ) for TS507
CL
RL =1kΩ
RL =10kΩ
RL =100 kΩ
ROL
(
Ω)
fu/fz
(1)
Mg(2)
(dB)
M
ϕ(2)
(degree)
ROL
(
Ω)
fu/fz
(1)
Mg(2)
(dB)
M
ϕ(2)
(degree)
ROL
(k
Ω)
fu/fz
Mg(2)
(dB)
M
ϕ(2)
(degree)
1nF
17.6
84.7
16.8
85.1
16.7
85.2
10
0.11
19
84.7
100
1.13
36.9
85.1
1
11.3
43.4
85
10 nF
-0.6
-16.1
-1.3
-25.7
-1.4
-25.9
10
1.13
7.2
81.2
100
11.3
43.9
81.4
1
112.6
43.4
84.8
100 nF
-13
-69.2
-13.3
-69.8
-13.3
-69.9
10
11.3
38
41
100
113.3
44.3
80.6
1
1126
43.4
84.8
1.
fu/fz cells are shaded when the value is lower than 10, which is not the best case due to ROL limitation.
2.
Negative values indicate instability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com