Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4076 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4076
Description  Two or three shunt resistor based current sensing circuit design
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4076 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4076 Datasheet HTML 3Page - STMicroelectronics AN4076 Datasheet HTML 4Page - STMicroelectronics AN4076 Datasheet HTML 5Page - STMicroelectronics AN4076 Datasheet HTML 6Page - STMicroelectronics AN4076 Datasheet HTML 7Page - STMicroelectronics AN4076 Datasheet HTML 8Page - STMicroelectronics AN4076 Datasheet HTML 9Page - STMicroelectronics AN4076 Datasheet HTML 10Page - STMicroelectronics AN4076 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN4076
Current sensing circuit design guidelines
Doc ID 022923 Rev 1
7/14
Although oscillations may be reduced by minimizing the parasitic inductance of the traces
(proportional to their length and inversely proportional to their width), some filtering is
always necessary to clean up the feedback signal and possibly make it go to its steady-state
faster, enlarging in this way the range of time during which the current feedback signals may
be read by the downstream microcontroller unit.
On the other hand, the filtering can't be too strong because, as already mentioned, the
current flows in the shunt resistor only during the on-time of the low-side switch. Considering
that the duty cycle applied to this transistor can be very low and that the FOC algorithm
requires the current to be read each PWM cycle, having a strong filtering would in fact result
in a sensible limitation of the minimum duty cycle applicable (i.e. of the bus voltage
exploitation) for keeping the current reading possible.
A tailoring of the filtering stage would be then required for each new design (as it depends
on the speed of the switch turn-on, the diode recovery charge, the parasitic inductances,
etc.). As a general guideline, an RC filter with a time constant between 100 ns and 200 ns
usually accomplishes this task pretty well. If necessary, a further RC filter with similar time
constant may be added in the amplifying section by putting a capacitor (C2 in Figure 3) in
parallel to the feedback resistor.
1.3
Amplification section
After each of the signals on the shunt resistors have been filtered, amplification is required
for each of them in order to adapt the signals to the range of voltage that can be read by the
analog-to-digital converter (ADC) peripheral embedded in the microcontroller unit (MCU).
The non-inverting configuration shown in Figure 3 is usually used in STEVAL boards.
As can be seen, as the signal on the shunt resistor can be both positive and negative, while
the MCU can only read positive voltage, an offset is added (R2, R3) so that the output of the
op amp equals about half of the MCU supply voltage when no current flows in the shunt
resistor. This offset stage, on the other hand, introduces attenuation (1/G1) of the useful
signal which, together with the gain of the non-inverting configuration (G2, fixed by R4 and
R5), contributes to the overall gain (G).
As mentioned, the goal here is to establish the overall amplification network gain (G) so that
the voltage on the shunt resistor corresponding to the maximum motor allowed current (Is
max, peak vale of motor rated current) fits the range of voltages readable by the ADC. In
particular, gain G and polarization voltage on the output should be chosen so that the range
covers between 85% and 90% of the
range [0; ADC Vsupply] leaving the remaining 10-15% as an unavoidable margin in case of
not perfect current regulation.
It's clear that in order to maximize the op amp output swing, and therefore the current
reading accuracy, it is better to use output rail-to-rail amplifiers able to reach very low
voltages (tens of mV) and voltages very close to supply voltage (in case this is the same as
ADC supply voltage) before saturating.
It must be noted that, once G is fixed, it is better to compose it by lowering the initial
attenuation 1/G1 as much as possible and, therefore, also gain G2. This is important not
only to maximize the signal by noise ratio but also to reduce the effect of the op amp intrinsic
offset on the output (proportional to G2).
The attached spreadsheet ('Current sensing amplification stage design tool.xlsx ') is
intended to be used as a tool for helping designers find the proper values of the resistor
GR
shunt
I
Smax GRshunt
I
Smax
⋅⋅
⋅⋅
–
[]
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com