Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4276 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4276
Description  ECC management on SPC560x
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4276 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4276 Datasheet HTML 1Page - STMicroelectronics AN4276 Datasheet HTML 2Page - STMicroelectronics AN4276 Datasheet HTML 3Page - STMicroelectronics AN4276 Datasheet HTML 4Page - STMicroelectronics AN4276 Datasheet HTML 5Page - STMicroelectronics AN4276 Datasheet HTML 6Page - STMicroelectronics AN4276 Datasheet HTML 7Page - STMicroelectronics AN4276 Datasheet HTML 8Page - STMicroelectronics AN4276 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID024408 Rev 2
5/21
AN4276
ECC overview
1
ECC overview
Error correction codes, ECC, are known techniques to protect data information against
single or multiple bit errors. SRAM memories represent main field of ECC usage, where soft
induced bit flips errors are common and where these problems increase with processes
going to submicron ranges. ECC protection is one of the highly recommended measures of
memory protection in high reliable and safety systems.
There are several conventional algorithms used for ECC protection, single-error-correcting
(SEC) Hamming code, single-error-correcting-double-error-detecting (SEC-DED) modified
Hamming, or SEC-DED Hsiao code. All of these algorithms are based on principle of
extending information bits with so called check bits in a way that bit error on reception is
identified and corrected in case of one bit error or detected in case of two errors.
1.1
ECC principle
Set of information symbols (data), where any bit error in one symbol leads to another valid,
but wrong symbol, is transformed to another set of code words by extending information bits
with check bits. The size of new code set is higher than the size of original one. It gives an
option to map original information symbols to code words with specific characteristic like
Hamming distance specifying number of bits in which these code words differ.
1.2
Number of check bits
There is a minimum number of check bits that are needed for SEC-DED protection. Table 1
shows relations between data width and number of check bits.
Table 1. SEC-DED code - number of check bits needed
Data width
Number of check bits
16
6
32
7
64
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com