Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4287 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 5Page - STMicroelectronics AN4287 Datasheet HTML 6Page - STMicroelectronics AN4287 Datasheet HTML 7Page - STMicroelectronics AN4287 Datasheet HTML 8Page - STMicroelectronics AN4287 Datasheet HTML 9Page - STMicroelectronics AN4287 Datasheet HTML 10Page - STMicroelectronics AN4287 Datasheet HTML 11Page - STMicroelectronics AN4287 Datasheet HTML 12Page - STMicroelectronics AN4287 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID024464
Rev 2
9/27
AN4287
Functional safety requirements for application software
3.5
FLASH Memory
Suggested: FLASH memory is protected by a single error correction/dual error detection
(SEC/DED) ECC scheme. The SEC/DED ECC scheme reporting shall be configured
(interrupt request). The FLASH memory SEC/DED concerns data and not the addresses.
These specific software countermeasures can run once after the Power-On Reset (POR)
before running the SIF.
Suggested: in order to increase the diagnostic coverage, specific software
countermeasures shall be implemented to detect FLASH memory address logic faults.
These specific software countermeasures can run once per FTTI.
Rationale: to verify the integrity of FLASH memory address logic.
Implementation hint: e.g. known pattern can be read.
Suggested: in order to increase the diagnostic coverage, specific software
countermeasures shall be implemented to detect FLASH ECC logic faults. The aim is to
assure that correct data are not accidentally modified and that single bit errors are rightly
corrected. These specific software countermeasures can run once per FTTI.
Rationale: to verify the integrity of FLASH ECC logic.
Implementation hint: see Chapter 5: ECC logic test for further details.
Suggested: in order to increase the diagnostic coverage, an MBIST algorithms shall be
implemented to protect the system FLASH memory against hardware dormant faults. The
implemented MBIST algorithms can run once after the Power-On Reset (POR).
Rationale: to check the integrity of the FLASH memory.
Implementation hint: hardware support test called Array Integrity Self Check can be used
(refer to the SPC564A7x/SPC564A80 Reference Manual to have all additional details).
Suggested: in order to check the correctness of the writing process, written data shall be
read-back and compared with the intended ones. These specific software countermeasures
can run once after every write operation or after a series of write operations.
Rationale: to verify that written data are coherent with the intended ones.
3.6
Interrupt Controller (INTC)
Suggested: integrity of the INTC module shall be checked. These specific software
countermeasures can run once after the Power-On Reset (POR) before running the SIF.
Implementation hint: e.g. the INTC module is configured to generate some interrupt
requests and the expected behavior is verified.
Suggested: considering that no specific hardware protection is implemented against
failures in the Interrupt Controller, spurious/missing interrupt requests caused by
Electromagnetic Interference (EMI) or by bit flips in the interrupt registers of the peripherals,
applications not resilient against such errors shall include detection or protection software
countermeasures. These specific software countermeasures can run for each interrupt
request.
Rationale: to verify interrupt requests are serviced correctly.
Implementation hint: e.g. spurious interrupts can be detected checking corresponding
interrupt status in the interrupt status register of the related peripheral before executing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com