Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4304 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4304 Datasheet HTML 1Page - STMicroelectronics AN4304 Datasheet HTML 2Page - STMicroelectronics AN4304 Datasheet HTML 3Page - STMicroelectronics AN4304 Datasheet HTML 4Page - STMicroelectronics AN4304 Datasheet HTML 5Page - STMicroelectronics AN4304 Datasheet HTML 6Page - STMicroelectronics AN4304 Datasheet HTML 7Page - STMicroelectronics AN4304 Datasheet HTML 8Page - STMicroelectronics AN4304 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AN4304
List of figures
DocID024731 Rev 1
3/20
List of figures
Figure 1: Typical application schematic......................................................................................................1
Figure 2: Common mode (a) and differential mode (b) filters.....................................................................4
Figure 3: Application example ....................................................................................................................5
Figure 4: Input pin+ voltage without filtering ...............................................................................................6
Figure 5: Differential voltage without filtering..............................................................................................6
Figure 6: Differential mode filter at 8 kHz ...................................................................................................7
Figure 7: Differential voltage with a differential filter of 8 kHz.....................................................................8
Figure 8: Input pin+ voltage with a differential filter of 8 kHz ......................................................................8
Figure 9: Common mode filter at 7 kHz ......................................................................................................9
Figure 10: Input pin+ voltage with Ccm perfectly matched.......................................................................10
Figure 11: Differential voltage with Ccm perfectly matched .....................................................................10
Figure 12: Bode diagram ..........................................................................................................................11
Figure 13: Differential voltage with Ccm1 and Ccm2 matched at 20 % ...................................................12
Figure 14: Common and differential mode filter .......................................................................................13
Figure 15: Differential voltage with Ccm and Cdiff = 2.2 µF .....................................................................15
Figure 16: Differential voltage with a different value of Cdiff ....................................................................15
Figure 17: CMRR vs. frequency ...............................................................................................................17
Figure 18: Configuration to filter a high frequency signal .........................................................................18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com