Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4368 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4368
Description  Signal conditioning for pyroelectric passive infrared
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4368 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4368 Datasheet HTML 1Page - STMicroelectronics AN4368 Datasheet HTML 2Page - STMicroelectronics AN4368 Datasheet HTML 3Page - STMicroelectronics AN4368 Datasheet HTML 4Page - STMicroelectronics AN4368 Datasheet HTML 5Page - STMicroelectronics AN4368 Datasheet HTML 6Page - STMicroelectronics AN4368 Datasheet HTML 7Page - STMicroelectronics AN4368 Datasheet HTML 8Page - STMicroelectronics AN4368 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN4368
Three-stage architecture for detecting motion
DocID025334 Rev 1
5/18
3
Three-stage architecture for detecting motion
To detect motion, a three-stage architecture based on op-amps is used to condition the
signal of a PIR sensor. This architecture is explained below.
3.1
Stage 1
The first architectural stage amplifies the signal. It cancels the DC part of the signal and
filters the high frequency noise that could lead to false detections. The schematic of this
first architectural stage is shown in Figure 3.
Figure 3: Schematic of the first architectural stage
1.
C = capacitor, D = diode, R = resistor, U = op-amp
Figure 3 shows that noise is filtered thanks to the components R1 and C1. The cut-off
frequency is 5 Hz (fhigh1 = 1/(2 x π x R1 x C1)). This application does not need to work at
higher frequencies because usually we are detecting human motion.
The second filter is used to reject the DC part of the signal. R2 and C2 perform a high pass
filter that has a cut-off frequency of 0.6 Hz (flow1 = 1/(2 x π x R2 x C2)).
Since we do not amplify the DC part of the signal, the Vio, which is the input offset voltage
of the op-amp, has no importance in this application.
The stage gain is 53.3 (Gain1 = 1 + R1/R2). This amplification allows a usable signal that is
higher than the noise level. The DC bias of the first architectural stage is determined by the
sensor. To avoid saturation, the gain must not be too big because amplification is made
around this common mode voltage (which is not Vcc/2).
STMicroelectronics’ TSU101 op-amp is a perfect fit for this architectural stage. As well as
having very low consumption, the TSU101 operates with a typical current consumption of
only 600 nA at Vcc = 3.3 V.
The diode, D1, is explained in Section 5: "Power-up".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com