Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN1188 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN1188
Description  Chip storage and handling for aerospace products with silver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1188 Datasheet(HTML) 5 Page - STMicroelectronics

  TN1188 Datasheet HTML 1Page - STMicroelectronics TN1188 Datasheet HTML 2Page - STMicroelectronics TN1188 Datasheet HTML 3Page - STMicroelectronics TN1188 Datasheet HTML 4Page - STMicroelectronics TN1188 Datasheet HTML 5Page - STMicroelectronics TN1188 Datasheet HTML 6Page - STMicroelectronics TN1188 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TN1188
Recommended storage instructions
DocID026684 Rev 2
5/7
4.2
Clay desiccant dimensioning
Theoretical calculations and experimental tests show that there must be at least 2 grams of
clay desiccant for 4 trays. Each bulk includes 4 trays = 1 bag of desiccant = 2 grams.
In case an inner bag is opened, the quantity of desiccant should be increased to 4
grams to ensure the proper humidity level.
5
Recommended storage instructions
ST aerospace die products are packed in a clean-room environment. It is recommended to
store these products in a similar environment. The following key storage precautions
should be observed:
The die must be maintained in a filtered nitrogen atmosphere until removed for
assembly.
The moisture content of the storage facility must be maintained at 30 percent ±10
percent relative humidity.
Electrostatic discharge (ESD) damage precautions are necessary during handling.
The die must be in an ESD-protected environment at all times for inspection and
assembly. Dice contained in waffle trays can remain in storage for up to one year
under these conditions.
If a visual inspection is required, it is recommended to repack the dice immediately
afterward, following the recommendations above, or to bond them immediately.
6
Quality requirements
Trays use for packing must not be damaged (i.e. cracked, broken or chipped.)
A change of the waffle pack is considered a minor change, which ST will only notify the
customer about. ST standard rules on product change notifications (PCNs) apply only to
changes affecting the die itself.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com