Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0434 Datasheet(PDF) 85 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 81Page - STMicroelectronics UM0434 Datasheet HTML 82Page - STMicroelectronics UM0434 Datasheet HTML 83Page - STMicroelectronics UM0434 Datasheet HTML 84Page - STMicroelectronics UM0434 Datasheet HTML 85Page - STMicroelectronics UM0434 Datasheet HTML 86Page - STMicroelectronics UM0434 Datasheet HTML 87Page - STMicroelectronics UM0434 Datasheet HTML 88Page - STMicroelectronics UM0434 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 390 page
background image
Register model
UM0434
86/391
4.13.2
Hardware implementation dependent register 1 (HID1)
The HID1 register is used for bus configuration and system control. HID1 is shown in
Table 61.
51
DCLREE
Debug interrupt clears MSR[EE]. Controls whether debug interrupts force external input
interrupts to be disabled, or whether they remain unaffected.
0 MSR[EE] unaffected by debug interrupt.
1 MSR[EE] cleared by debug interrupt.
52
DCLRCE
Debug interrupt clears MSR[CE]. Controls whether debug interrupts force critical interrupts to
be disabled, or whether they remain unaffected.
0 MSR[CE] unaffected by debug interrupt.
1 MSR[CE] cleared by debug Interrupt.
53
CICLRDE
Critical interrupt clears MSR[DE]. Controls whether certain critical interrupts (critical input,
watchdog timer) force debug interrupts to be disabled, or whether they remain unaffected.
Machine check interrupts have a separate control bit.
0 MSR[DE] unaffected by critical class interrupt.
1 MSR[DE] cleared by critical class interrupt.
If critical interrupt debug events are enabled (DBCR0[CIRPT] is set, which should only be
done when the debug APU is enabled), and MSR[DE] is set at the time of a critical interrupt
(critical input, watchdog timer), a debug event is generated after the critical interrupt handler
has been fetched, and the debug handler is executed first. In this case, DSRR0[DE] will have
been cleared, such that after returning from the debug handler, the critical interrupt handler
will not be run with MSR[DE] enabled.
54
MCCLRDE
Machine check interrupt clears MSR[DE]. Controls whether machine check interrupts force
debug interrupts to be disabled or are unaffected. If critical interrupt debug events are
enabled (DBCR0[CIRPT] is set, which should only be done when the debug APU is enabled),
and MSR[DE] is set at the time of a machine check interrupt, a debug event is generated after
the machine check interrupt handler is fetched, and the debug handler executes first. In this
case, DSRR0[DE] is cleared so that after returning from the debug handler, the machine
check handler cannot be run if MSR[DE] = 1.
0 MSR[DE] unaffected by machine check interrupt.
1 MSR[DE] cleared by machine check interrupt.
55
DAPUEN
Debug APU enable. Controls whether the debug APU is enabled.
0 Debug APU disabled. Debug interrupts use the critical interrupt resources: CSRR0/CSRR1
and rfci; rfdi is treated as an illegal instruction. DCLREE, DCLRCE, CICLRDE, and
MCCLRDE settings are ignored and are assumed to be ones.
1 Debug APU enabled. Debug interrupts use DSRR0/DSRR1 for saving state and rfdi is
available for returning from a debug interrupt.
Read and write access to DSRR0/DSRR1 via mfspr and mtspr is not affected by this bit.
56–63
—
Reserved, should be cleared.
Table 60.
HID0 field descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com