Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0434 Datasheet(PDF) 108 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 104Page - STMicroelectronics UM0434 Datasheet HTML 105Page - STMicroelectronics UM0434 Datasheet HTML 106Page - STMicroelectronics UM0434 Datasheet HTML 107Page - STMicroelectronics UM0434 Datasheet HTML 108Page - STMicroelectronics UM0434 Datasheet HTML 109Page - STMicroelectronics UM0434 Datasheet HTML 110Page - STMicroelectronics UM0434 Datasheet HTML 111Page - STMicroelectronics UM0434 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 390 page
background image
UM0434
Instruction model
109/391
instruction exception. However, the vector SPFP APU supports single-precision vector (64-
bit, two 32-bit operand) instructions, and the scalar SPFP APU performs single-precision
floating-point operations using the lower 32 bits of the GPRs. These instructions are
described in
Chapter 5.10.4: Embedded vector and scalar single precision floating point
APU instructions on page 120.” Unlike the PowerPC UISA, the SPFP APUs store floating-
point values as single-precision values in true 32-bit, single-precision format rather than in a
64-bit double-precision format used with FPRs.
5.2
Unsupported instructions and instruction forms
Because the e200z3 is a 32-bit Book E core, all of the instructions defined for 64-bit
implementations of the Book E architecture are illegal on the e200z3 and cause an illegal
instruction exception type program interruption. The e200z3 core does not support the
instructions listed in
Table 100. An unimplemented instruction or floating-point-unavailable
exception is generated if the processor attempts to execute one of these instructions.
5.3
Optionally supported instructions and instruction forms
The e200z3 core optionally supports the instructions listed in
Table 101 if a cache and/or
TLB is present. An instruction exception may be generated if the processor attempts to
execute one of these instructions and the related functional block is not present, or the
specific instruction may be treated as a no-op.
5.4
Implementation-Specific instructions
Book E defines some instructions that are implementation specific.
Table 102 summarizes
the e200z3 implementation-specific instructions.
Table 100.
List of unsupported instructions
Type/Name
Mnemonics
String Instructions
lswi, lswx, stswi, stswx
Floating Point Instructions
fxxxx, lfxxxx, sfxxxx, mcrfs, mffs, mtfxxx
Device control register and Move from APID
mfapidi, mfdcrx, mtdcrx
Table 101.
List of optionally supported instructions
Type/name
Mnemonics
Unit
Cache management
instructions
dcba, dcbf, dcbi, dcbt, dcbtst, dcbst,
dcbz
icbi, icbt
Data cache/unified cache
Instruction cache/unified
cache
Cache locking instructions
dcbtls, dcbtstls, dcblc
icbtls, icblc
Data cache/unified cache
Instruction cache/unified
cache
TLB management
instructions
tlbivax, tlbre, tlbsx, tlbsync, tlbwe
TLB
DCR management
mfdcr, mtdcr
DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com