Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1313 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1313
Description  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 6Page - STMicroelectronics AN1313 Datasheet HTML 7Page - STMicroelectronics AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics AN1313 Datasheet HTML 11Page - STMicroelectronics AN1313 Datasheet HTML 12Page - STMicroelectronics AN1313 Datasheet HTML 13Page - STMicroelectronics AN1313 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AN1313 - APPLICATION NOTE
10/16
4.2 - WDTCON Register
Some bits have been added for the ST10F269.
Each of the different reset sources is indicated in the WDTCON register of the ST10F269. The indicated
bits are cleared with the EINIT instruction. It is thus possible to identify the reset during the initialization
phase.
ST10F168: WDTCON (FFAEh / D7h)
SFR
Reset Value: 000Xh
ST10F269: WDTCON (FFAEh / D7h)
SFR
Reset Value: 000Xh
Note:
More than one reset indication flag may be set. After EINIT, all flags are cleared.
Power-on is detected when the internal voltage rises from 0V to a value > 2.0V is recognized.
4.2.1 - Hardware Impacts
None.
4.2.2 - Software Impacts
None if the ST10F168 software was masking the non-implemented bits.
15
14
13
12
11
10
9876543210
WDTREL
--
----
WDTR WDTIN
RW
RRW
15
14
13
12
11
10
9876543210
WDTREL
-
-
PONR LHWR SHWR
SWR
WDTR WDTIN
RW
RRRRR
RW
Bit
Function
WDTIN
0
1
Watchdog Timer Input Frequency Selection
Input frequency is fCPU / 2
Input frequency is fCPU / 128
WDTR
Watchdog Timer Reset Indication Flag
Set by the watchdog timer on an overflow.
Cleared by a hardware reset or by the SRVWDT instruction.
SWR 1)
Software Reset Indication Flag
Set by the SRST execution.
Cleared by the EINIT instruction.
New
SHWR 1)
Short Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
New
LHWR 1)
Long Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
New
PONR 1)2)
Power-On (Asynchronous) Reset Indication Flag
Set by the input RSTIN if a power-on condition has been detected.
Cleared by the EINIT instruction.
New
WDTREL
Watchdog Timer Reload Value (for the high byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com