Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1656 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1656
Description  6 CH VOLUME CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1656 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1656 Datasheet HTML 1Page - STMicroelectronics AN1656 Datasheet HTML 2Page - STMicroelectronics AN1656 Datasheet HTML 3Page - STMicroelectronics AN1656 Datasheet HTML 4Page - STMicroelectronics AN1656 Datasheet HTML 5Page - STMicroelectronics AN1656 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
AN1656 APPLICATION NOTE
Additional Features:
Acting on the
button
is shown the registers' table, where is shown the current value of all the de-
vice's registers. It is real time updated as the user modifies any parameter. It is possible to entry directly
a value in binary, hexadecimal or decimal notation by clicking on the correspondent cell and inserting a
new value.
The send command
refresh all registers of the device with current settings.
It may use the incremental mode it is enabled.
PCB and Components Layout
In fig.2 is shown how to connect the two boards TDA7448 and SAM351 in order to have a complete am-
plification system with Volume control via I2C.
To complete the application it is necessary to provide the correct Power Supply for the two boards as fol-
lows:
TDA7448: (connector J6)
The supply voltage to be used can range from +5 up to +10V
SAM351: (connector J9)
SAM351 module utilize two supply voltages:
– Signal Supply Voltage +/-Vs: +/- 24Vdc / 100mA
– Power Section Voltage +/-DC: +50V /4.0A
In the dimensioning of the power section is important to know that the module is able to provide the max-
imum power (@THD=10%) on two channels and instantaneously 1/3 Max Pout on the remaining outputs
or continuously 1/8 of Max. Pout.
The two supply voltages are completely separated between them: the signal VS is splitted (+/-24V) and
its central point (A-gnd) is the reference ground for the STA575 circuits (inputs, stand-by, etc.), while the
Power DC is a single supply and its reference must be completely isolated from A-gnd.
In order to implement the Mute function for the SAM351 module it is necessary to connect a wire to the
pin.9 of the connector J8:
– when pin.9 open: SAM351 module is Muted
– when pin.9 is at 15V: SAM351 module is in Play.
All the 6 channels are configurated in BTL and completely separated among them and isolated from the
rest of the system.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com