Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2334 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2334 Datasheet HTML 1Page - STMicroelectronics AN2334 Datasheet HTML 2Page - STMicroelectronics AN2334 Datasheet HTML 3Page - STMicroelectronics AN2334 Datasheet HTML 4Page - STMicroelectronics AN2334 Datasheet HTML 5Page - STMicroelectronics AN2334 Datasheet HTML 6Page - STMicroelectronics AN2334 Datasheet HTML 7Page - STMicroelectronics AN2334 Datasheet HTML 8Page - STMicroelectronics AN2334 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN2334
Car door module description
5/22
1
Car door module description
This note describes a complete electronic module used to drive all loads in a car door,
connected via a LIN bus to the dashboard and to other doors, and via a parallel port to a PC
(for demonstration purposes). The block diagram in Figure 1 shows the system
configuration.
Figure 1.
Door module block diagram
Table 1.
Door module actuators
Actuators
Pnom
Working
voltage
Load
speed
(Typ)
Load
current
(Typ)
Stall
current
Window Lift
1 DC motor
12 V
>78 rpm
<2.5A
<20A
Door lock
1 DC motor
<2A
<10A
Mirror axis
control
2 DC motors
Mirror fold
1 DC motor
Mirror defroster
1 grounded resistive
load
100W
Light bulbs
4 grounded resistive
loads
5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com