Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2388 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 39Page - STMicroelectronics AN2388 Datasheet HTML 40Page - STMicroelectronics AN2388 Datasheet HTML 41Page - STMicroelectronics AN2388 Datasheet HTML 42Page - STMicroelectronics AN2388 Datasheet HTML 43Page - STMicroelectronics AN2388 Datasheet HTML 44Page - STMicroelectronics AN2388 Datasheet HTML 45Page - STMicroelectronics AN2388 Datasheet HTML 46Page - STMicroelectronics AN2388 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
AN2388
Software design
43/54
Figure 40.
Mechanical rotor angle estimation block diagram
4.5.3
The PI regulator
Introduction
PID has a fundamental importance in the industrial controller field due to the simplicity of
approach, the robustness of control and the immediacy of calibration.
In this regulator, the variable “error”, the derivative and the integral errors are performed to
calculate the output variable that has the following representation:
A complete discussion of Proportional Integral Derivative (PID) controllers is beyond the
scope of this application, but this section will provide the basics of PID operation.
A digital PID controller is executed at a periodic sampling interval. It is assumed that the
controller is executed frequently enough so that the system can be properly controlled. The
error signal is formed by subtracting the desired setting of the parameter. The sign of the
error indicates the direction of change required by the control input.
The Proportional term (P) of the controller is formed by multiplying the error signal by a P
gain, causing the PID controller to produce a control response that is a function of the error
magnitude. As the error signal becomes larger, the P term of the controller follows and
grows to provide more correction. The effect of the P term tends to reduce the overall error
as time elapses. In most systems, the error of the controlled parameter gets very close but
does not converge so it remains a small steady state error.
The Integral (I) term of the controller is used to eliminate small steady state errors. The I
term calculates a continuous running total of the error signal. Therefore a small steady state
error accumulates into a large error value over time. This accumulated error signal is
multiplied by an I gain factor and becomes the I output term of the PID controller.
The Differential (D) term of the PID controller is used to enhance the speed of the controller
and responds to the rate of change of the error signal. The D term input is calculated by
subtracting the present error value from a prior value. This delta error value is multiplied by a
D gain factor that becomes the D term of the controller. The D term of the controller
produces more control output the faster when the system error is changing.
This application doesn’t use the D terms due to the relatively slow response time of motor
speed changes. In this case, the D term could cause excessive changes in PWM duty cycle
that could affect the operation of the algorithm and produce over current trips.
The PI (Proportional-Integral) regulators are implemented with output saturation. Keep in
mind that all the variables are in 1.15 format.
Mechanical_Rotor_Angle
Pulses Encoder
T3IN
T3EUD
Channel A
Channel B
ST10F276
Scaling factor
Incremental
Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com