Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3340 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3340
Description  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3340 Datasheet HTML 1Page - STMicroelectronics AN3340 Datasheet HTML 2Page - STMicroelectronics AN3340 Datasheet HTML 3Page - STMicroelectronics AN3340 Datasheet HTML 4Page - STMicroelectronics AN3340 Datasheet HTML 5Page - STMicroelectronics AN3340 Datasheet HTML 6Page - STMicroelectronics AN3340 Datasheet HTML 7Page - STMicroelectronics AN3340 Datasheet HTML 8Page - STMicroelectronics AN3340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN3340
Mechanical structure of a loud speaker
Doc ID 18453 Rev 1
5/24
3
Mechanical structure of a loud speaker
Figure 1.
Cross section of a speaker
A basic loudspeaker is made from a diaphragm or cone connected to a metal basket or a
rigid structure, via a flexible suspension. This suspension constrains the voice coil, which is
connected to the diaphragm, to move axially through a cylindrical magnetic gap.
The audio signal from the power amplifier is applied to the voice coil. This generates a
variable electric current which interacts with the static magnetic field in the cylindrical gap
between the poles of a permanent magnet to move the diaphragm, which is mounted on the
voice-coil former. The diaphragm suspension must be elastic and must operate in its linear
region to ensure that the diaphragm is displaced according to the amplitude of the input
signal.
The diaphragm movement generates a variable sound pressure which is proportional to the
drive signal applied, that is, the output of the power amplifier.
The surround and the spider keep the diaphragm mechanically centered and maintain the
voice coil in the neutral position when no signal is applied.
The voice coil is usually made with a copper winding on a cylindrical former and oriented
coaxially inside the cylindrical air gap within which the magnetic field is uniform over the
range of travel of the coil.
In special designs, more cones can be combined in a single enclosure to make a multi-way
coaxial speaker, as shown in Figure 2.
Another approach is to design the speaker to enlarge the frequency bandwidth rather than
to achieve a full-range speaker. Such a speaker could have a non-unity aspect ratio as
shown in Figure 3. Although the frequency range is quite large the frequency response is
generally not flat.
Diaphragm
or Cone
Spider
Permanent
Magnet
Voice Coil
Surround
Voice Coil
Assembly
Frame
or
Basket
Dust Cup
or Dome



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com