Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0438 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM0438
Description  This user manual defines a programming model for use with the variable-length encoding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0438 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM0438 Datasheet HTML 42Page - STMicroelectronics UM0438 Datasheet HTML 43Page - STMicroelectronics UM0438 Datasheet HTML 44Page - STMicroelectronics UM0438 Datasheet HTML 45Page - STMicroelectronics UM0438 Datasheet HTML 46Page - STMicroelectronics UM0438 Datasheet HTML 47Page - STMicroelectronics UM0438 Datasheet HTML 48Page - STMicroelectronics UM0438 Datasheet HTML 49Page - STMicroelectronics UM0438 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Glossary
UM0438
48/50
Supervisor mode
The privileged operation state of a processor. In supervisor mode, software, typically the
operating system, can access all control registers and can access the supervisor memory
space, among other privileged operations.
T
Tiny
A floating-point value that is too small to be represented for a particular precision format,
including denormalized numbers; they do not include ±0.
U
Underflow
An error condition that occurs during arithmetic operations when the result cannot be
represented accurately in the destination register. For example, underflow can happen if two
floating-point fractions are multiplied and the result requires a smaller exponent and/or
mantissa than the single-precision format can provide. In other words, the result is too small
to be represented accurately.
User mode
The unprivileged operating state of a processor used typically by application software. In
user mode, software can only access certain control registers and can access only user
memory space. No privileged operations can be performed. Also referred to as problem
state.
W
Word
A 32-bit data element.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com