Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1627 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1627
Description  Standard software driver for C90LC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1627 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1627 Datasheet HTML 24Page - STMicroelectronics UM1627 Datasheet HTML 25Page - STMicroelectronics UM1627 Datasheet HTML 26Page - STMicroelectronics UM1627 Datasheet HTML 27Page - STMicroelectronics UM1627 Datasheet HTML 28Page - STMicroelectronics UM1627 Datasheet HTML 29Page - STMicroelectronics UM1627 Datasheet HTML 30Page - STMicroelectronics UM1627 Datasheet HTML 31Page - STMicroelectronics UM1627 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
API specification
UM1627
28/38
DocID024497 Rev 2
Troubleshooting
The trouble shooting given here comprises of hardware errors and input parameter error.
Comments
The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped
arguments that are used to select the blocks to be evaluated in the Low/Mid/High address
spaces of main array. The selection of the blocks of the main array is determined by
setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or
highEnabledBlocks.
The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to
block 1, etc. The following diagrams give an example of the formats of lowEnabledBlocks,
midEnabledBlocks and highEnabledBlocks for the C90LC module.
Refer to Appendix C: Documentation references for the valid bits configuration depending
from the specific microcontroller Flash module sectors.
Table 45. Troubleshooting for FlashArrayIntegrityCheck()
Returned error bits
Possible causes
Solution
C90FL_ERROR_AIC_MISMATCH
The MISR value calculated by
the user is incorrect.
Re-calculate the MISR values
using the correct Data and
addrSeq.
The MISR calculated by the
Hardware is incorrect.
Hardware Error.
C90FL_ERROR_AIC_NO_BLOCK
None of the Blocks are enabled
for Array Integrity Check
Enable any of the blocks using
variables lowEnabledBlocks,
midEnabledBlocks and
highEnabledBlock.
Table 46. Bit allocation for blocks in low address space
MSB
LSB
bit 31
…
bit 10
bit 9
bit 8
…
bit 1
bit 0
reserved
…
reserved
block 9
block 8
…
block 1
block 0
Table 47. Bit allocation for blocks in middle address space
MSB
LSB
bit 31
…
bit 4
bit 3
bit 2
bit 1
bit 0
reserved
…
reserved
reserved
reserved
block 1
block 0
Table 48. Bit allocation for blocks in high address space
MSB
LSB
bit 31
…
bit 6
bit 5
bit 4
…
bit 1
bit 0
reserved
…
reserved
block 5
block 4
…
Block 1
Block 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com