Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1634 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1634
Description  Standard software driver for C90FL2 Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1634 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1634 Datasheet HTML 29Page - STMicroelectronics UM1634 Datasheet HTML 30Page - STMicroelectronics UM1634 Datasheet HTML 31Page - STMicroelectronics UM1634 Datasheet HTML 32Page - STMicroelectronics UM1634 Datasheet HTML 33Page - STMicroelectronics UM1634 Datasheet HTML 34Page - STMicroelectronics UM1634 Datasheet HTML 35Page - STMicroelectronics UM1634 Datasheet HTML 36Page - STMicroelectronics UM1634 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
DocID024601 Rev 3
33/43
UM1634
API specification
Return values
Comments
The inputs lowEnabledBlocks, midEnabledBlocks and highEnabledBlocks are bit-mapped
arguments that are used to select the blocks to be evaluated in the Low/Mid/High address
spaces of main array. The selection of the blocks of the main array is determined by
setting/clearing the corresponding bit in lowEnabledBlocks, midEnabledBlocks or
highEnabledBlocks.
The bit allocations for blocks in one address space are: bit 0 is assigned to block 0, bit 1 to
block 1, etc. The following diagrams show the formats of lowEnabledBlocks,
midEnabledBlocks and highEnabledBlocks for the C90FL module.
For low address space valid bits are from bit 0 to bit 9; For middle address space valid bits
are bit 0 and bit 1; For high address space valid bits are from bit 0 to bit 5;
Table 40. Return values for FlashArrayIntegrityCheck()
Return Values
Possible Causes
Solution
C90FL_ERROR_AIC_MISMATCH
The MISR value calculated
by the user is incorrect.
Re-calculate the MISR values
using the correct Data and
addrSeq.
The MISR calculated by the
Hardware is incorrect.
Hardware Error.
C90FL_ERROR_AIC_NO_BLOCK
None of the Blocks are
enabled for Array Integrity
Check
Enable any of the blocks using
variables lowEnabledBlocks,
midEnabledBlocks and
highEnabledBlock.
C90FL_OK
Successful completion
Table 41. Bit allocation for blocks in low address space
MSB
LSB
bit 31
…
bit 10
bit 9
bit 8
…
bit 1
bit 0
reserved
…
reserved
block 9
block 8
…
block 1
block 0
Table 42. Bit allocation for blocks in middle address space
MSB
LSB
bit 31
…
bit 4
bit 3
bit 2
bit 1
bit 0
reserved
…
reserved
reserved
reserved
block 1
block 0
Table 43. Bit Allocation for Blocks in High Address Space
MSB
LSB
bit 31
…
bit 6
bit 5
bit 4
…
bit 1
bit 0
reserved
…
reserved
block 5
block 4
…
Block 1
Block 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com