Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGPC20MD2 Datasheet(PDF) 3 Page - International Rectifier

Part # IRGPC20MD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=8.0A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC20MD2 Datasheet(HTML) 3 Page - International Rectifier

  IRGPC20MD2 Datasheet HTML 1Page - International Rectifier IRGPC20MD2 Datasheet HTML 2Page - International Rectifier IRGPC20MD2 Datasheet HTML 3Page - International Rectifier IRGPC20MD2 Datasheet HTML 4Page - International Rectifier IRGPC20MD2 Datasheet HTML 5Page - International Rectifier IRGPC20MD2 Datasheet HTML 6Page - International Rectifier IRGPC20MD2 Datasheet HTML 7Page - International Rectifier IRGPC20MD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
C-383
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = I RMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRGPC20MD2
0
2
4
6
8
10
0.1
1
10
100
f, Frequency (kHz)
A
6 0 % o f ra te d
v o lta g e
D u ty cycle : 5 0 %
T
= 12 5°C
T
= 9 0 °C
G a te drive a s sp ec ifie d
T urn -o n losse s inclu de
e ffec ts of re ve rse re co ve ry
s in k
J
P o we r D is sipation = 1 5W
1
10
100
1
10
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
1
10
100
5
10
15
20
GE
T = 25°C
T = 150°C
J
J
V
= 100V
5µs PULSE WIDTH
CC
V
, Gate-to-Emitter Voltage (V)
A
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com