Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1336 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1336
Description  Power-fail comparator for NVRAM supervisory devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1336 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1336 Datasheet HTML 1Page - STMicroelectronics AN1336 Datasheet HTML 2Page - STMicroelectronics AN1336 Datasheet HTML 3Page - STMicroelectronics AN1336 Datasheet HTML 4Page - STMicroelectronics AN1336 Datasheet HTML 5Page - STMicroelectronics AN1336 Datasheet HTML 6Page - STMicroelectronics AN1336 Datasheet HTML 7Page - STMicroelectronics AN1336 Datasheet HTML 8Page - STMicroelectronics AN1336 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN1336
PFI/PFO operation in a system (how does it
work?)
Figure 6: Power failure sequence
This safeguard window can be used for a number of purposes, depending on the
application:
Power save
The MCU can switch off, one by one, all non-critical peripheral components to conserve
energy for safeguard routines.
Data transfer
The MCU may transfer data from the scratch pad memory to the non-volatile memory. It
takes only a few MCU cycles if using NVRAM, but can take several milliseconds when this
data needs to be stored in an EEPROM or Flash memory.
Scratch pad RAM overwrite
Many applications are now required to run encode/decode algorithms (e.g. DES or RCA)
for higher security.
Therefore it is sometimes preferable to overwrite the working space before power-down to
prevent the contents of the RAM from being read illegitimately.
Safeguard Window
(t2) Reset and/or Write Protect
(whichever occurs first)
(t1) VCC begins to fall
(t0) Power-Fail Input detected -
Begin Safeguard Routine
VUNREG
PFI
VCC
VPFD
t0 t1 t2
t
V
AI04219
DocID007594 Rev 2
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com