Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGPH40FD2 Datasheet(PDF) 7 Page - International Rectifier

Part # IRGPH40FD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=1200V, @Vge=15V, Ic=17A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPH40FD2 Datasheet(HTML) 7 Page - International Rectifier

  IRGPH40FD2 Datasheet HTML 1Page - International Rectifier IRGPH40FD2 Datasheet HTML 2Page - International Rectifier IRGPH40FD2 Datasheet HTML 3Page - International Rectifier IRGPH40FD2 Datasheet HTML 4Page - International Rectifier IRGPH40FD2 Datasheet HTML 5Page - International Rectifier IRGPH40FD2 Datasheet HTML 6Page - International Rectifier IRGPH40FD2 Datasheet HTML 7Page - International Rectifier IRGPH40FD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
C-291
IRGPH40FD2
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
0
100
200
300
400
500
600
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
10
100
1000
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
0
40
80
120
160
200
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
1
10
100
100
1000
f
di /dt - (A/µs)
I = 16A
I = 8.0A
I = 4.0A
F
F
F
V = 200V
T = 125°C
T = 25°C
R
J
J
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com