Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSG9904 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9904
Description  Dual-N Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9904 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG9904_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9904_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9904_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9904_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSG9904
7.2A, 40V, RDS(ON) 26mΩ
Ω
Ω
Ω
Dual-N Enhancement Mode Power MOSFET
25-Apr-2014 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Static
Drain-Source Breakdown Voltage
BVDSS
40
-
-
V
VGS=0V, ID=250µA
Breakdown Voltage Temp.
Coefficient
BV
△
DS/
T
△ j
-
0.034
-
V / °C
Reference to 25°C, I D =1mA
Gate-Threshold Voltage
VGS(th)
1
-
2.5
V
VDS=VGS, ID =250µA
Forward Transconductance
Gfs
-
14
-
S
VDS=5V, ID =6A
Gate-Body Leakage
IGSS
-
-
±100
nA
VGS=±20V
-
-
1
VDS=32V,VGS=0, TJ=25°C
Zero Gate Voltage Drain Current
IDSS
-
-
5
µA
VDS=32V,VGS=0, TJ=55°C
-
-
26
VGS=10V, ID =6A
Drain-Source On-Resistance
2
RDS(ON)
-
-
35
m
VGS=4.5V, ID =4A
Total Gate Charge
Qg
-
5.5
-
Gate-Source Charge
Qgs
-
1.25
-
Gate-Drain (“Miller”) Charge
Qgd
-
2.5
-
nC
ID= 6A
VDS= 20V
VGS= 4.5V
Turn-On Delay Time
Td(on)
-
8.9
-
Rise Time
Tr
-
2.2
-
Turn-Off Delay Time
Td(off)
-
41
-
Fall Time
Tf
-
2.7
-
nS
VDS= 20V
ID= 1A
VGS= 10V
RG= 3.3
RD= 20
Input Capacitance
Ciss
-
593
-
Output Capacitance
Coss
-
76
-
Reverse Transfer Capacitance
Crss
-
56
-
pF
VGS=0V
VDS=15V
f=1.0MHz
Guaranteed Avalanche Characteristics
Single Pulse Avalanche Energy
5
EAS
9
-
-
mJ
VDD= 25V, L=0.1mH, IAS= 10A
Source-Drain Diode
Forward On Voltage
2
VDS
-
-
1.2
V
IS=1A, VGS=0V
Continuous Source Current1,6
IS
-
7.2
-
A
Pulsed Source Current2,6
ISM
-
14.5
-
A
VGS = VDS=0V, Force Current
Notes:
1. Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper. 135℃/W when mounted on Min. copper pad.
2. The data tested by pulsed, pulse width ≦ 300us, duty cycle ≦ 2%.
3. The EAS data shows Max. rating. The test condition is VDD=25V, VGS=10V, L=0.1mH, IAS=17.8A.
4. The power dissipation is limited by 150℃ junction temperature.
5. The Min. value is 100% EAS tested guarantee.
6. The data is theoretically the same as ID and IDM, in real applications, should be limited by total power dissipation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com