Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2583 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2583
Description  M41T00AUD real-time clock with audio
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2583 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2583 Datasheet HTML 1Page - STMicroelectronics AN2583 Datasheet HTML 2Page - STMicroelectronics AN2583 Datasheet HTML 3Page - STMicroelectronics AN2583 Datasheet HTML 4Page - STMicroelectronics AN2583 Datasheet HTML 5Page - STMicroelectronics AN2583 Datasheet HTML 6Page - STMicroelectronics AN2583 Datasheet HTML 7Page - STMicroelectronics AN2583 Datasheet HTML 8Page - STMicroelectronics AN2583 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2007
Rev 1
1/18
AN2583
Application note
Understanding and applying the
M41T00AUD real-time clock with audio
Introduction
Drawing on the fact that the squarewave generator built in to many ST serial RTCs can be
used as a tone generator, users have been employing ST real-time clocks in printer-fax
scanner units for several years. In these applications, the squarewave output is used to
create the audible beeps these all-in-one (AIO) machines make when a key is pressed or an
error occurs.
The beep signals drive an amplifier circuit which in turn drives a speaker. Furthermore, other
tone sources from within the AIO also go to the speaker, so they are summed into the
amplifier along with the squarewave signal. One of these sources is the phone line. It is
audible while the fax is dialing and negotiating the connection.
Additionally, it is necessary to control the gain of the amplifier and to limit the bandwidth of
the audio signal, so some form of volume control and filtering is required.
As a result, ST developed the M41T00AUD which combines a real-time clock with an audio
section. Referring to Figure 1 on page 2, the clock is based on ST's M41T00 and includes
several enhancements such as a trickle charge circuit for charging backup capacitors and a
voltage reference for precisely controlling the backup switchover threshold.
The audio section starts with an input amplifier for summing multiple signals of varying
levels. Next is an 8 kHz low-pass filter, then a 16-step, digitally controlled gain stage with
3 dB steps. Finally, the output section is a bridged amplifier capable of driving 300 mW into
an 8
Ω load (with VCC at 3.3 V).
Thus, the M41T00AUD is a highly integrated circuit perfect for All-In-One printer
applications, as well as other consumer devices, where high functionality and low cost are
key requirements.
www.st.com


Similar Part No. - AN2583

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2586 STMICROELECTRONICS-AN2586 Datasheet
421Kb / 28P
Getting started with STM32F10xxx hardware development
18-Nov-2011
More results

Similar Description - AN2583

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
STMicroelectronics
M41T00AUD STMICROELECTRONICS-M41T00AUD Datasheet
332Kb / 44P
Serial real-time clock with audio
13-Dec-2007
M41T00AUD STMICROELECTRONICS-M41T00AUD_12 Datasheet
381Kb / 42P
Serial real-time clock (RTC) with audio
06-Feb-2012
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com