Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3060 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3060
Description  Applications guide for serial real-time clocks
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3060 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3060 Datasheet HTML 5Page - STMicroelectronics AN3060 Datasheet HTML 6Page - STMicroelectronics AN3060 Datasheet HTML 7Page - STMicroelectronics AN3060 Datasheet HTML 8Page - STMicroelectronics AN3060 Datasheet HTML 9Page - STMicroelectronics AN3060 Datasheet HTML 10Page - STMicroelectronics AN3060 Datasheet HTML 11Page - STMicroelectronics AN3060 Datasheet HTML 12Page - STMicroelectronics AN3060 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AN3060
Switchover voltage
Doc ID 16253 Rev 2
9/23
4
Switchover voltage
4.1
Does the switchover voltage depend on the battery level? Or
is it always a fixed value? What is the maximum battery
voltage for an RTC?
Figure 5.
Typical switchover circuits
Power fail deselect voltage, VPFD
When VCC falls to the power-fail deselect level, VPFD, the part deselects thereby cutting off
communications to the host; it is write protected.
For ST's serial real-time clocks, VPFD is either equal to - or a function of - the switchover
voltage, VSO. Thus, the deselect and switchover operations are tightly coupled.
Switchover voltage, VSO
Switchover connects the backup supply - usually a battery, but sometimes a capacitor or
super-cap - to the internal VCC of the device thereby maintaining the timekeeping operation
in the absence of system power. VSO is the value of VCC at which the part switches over to
VBAT.
Fixed reference
Most ST serial real-time clocks use a fixed, precision reference for the switchover threshold.
Regardless of the level of VBAT, the part will always deselect and switchover at the same
VCC levels.
Battery reference
Some older RTCs use the battery as a reference. One diode drop is applied, internal to the
RTC, to the battery pin, and that level determines the switchover threshold. Typically, the
diode drop is 0.5 V, but it can vary from 0.3 to 0.8 V. For brand new lithium coin cell
batteries, the voltage output may be as high as 3.5 V. (Once under load for a while, this will
drop to approximately 3.0 V and remain there for the useful life of the battery.) At low
temperatures, the diode drop will tend toward the minimum value, 0.3 V. This means that,
with new batteries and low temperatures, the switchover threshold may be as high as
3.5 - 0.3 = 3.2 V. The implication is that parts employing battery references may be
problematic in 3.3 V applications, and will be unsuitable for 3.0 V applications. In those
cases, users should choose parts with fixed references. For example, the M41T81S with
VCC
VSO
VBAT
VCC-INT
VCC
VSO
VBAT
VCC-INT
With fixed reference
With battery reference
AM04723v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com