Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3407 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3407 Datasheet HTML 1Page - STMicroelectronics AN3407 Datasheet HTML 2Page - STMicroelectronics AN3407 Datasheet HTML 3Page - STMicroelectronics AN3407 Datasheet HTML 4Page - STMicroelectronics AN3407 Datasheet HTML 5Page - STMicroelectronics AN3407 Datasheet HTML 6Page - STMicroelectronics AN3407 Datasheet HTML 7Page - STMicroelectronics AN3407 Datasheet HTML 8Page - STMicroelectronics AN3407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AN3407
Main characteristics and circuit description
Doc ID 018857 Rev 1
5/25
2
Main characteristics and circuit description
The main features of the SMPS are listed here below:
●
Extended input mains range: 90 ~ 265 VAC - frequency 50/60 Hz
●
Output voltage: 48 V at 2.08 A
●
Long-life, electrolytic capacitors are not used
●
Mains harmonics: according to EN61000-3-2 Class-D
●
Efficiency at full load: better than 90%
●
Dimensions: 75 x 135 mm
2.1
VCC section
The L6585DE is supplied by applying voltage between the VCC pin and GND pin. An
undervoltage lockout (UVLO) prevents the IC from operating with supply voltages too low to
guarantee the correct behavior of the internal structures.
An internal voltage clamp limits the voltage to around 17 V and a delivery up to 20 mA. For
this reason it cannot be used directly as a clamp for the charge pump (current peaks usually
reach several hundreds of mA), but can be easily used during startup in order to charge the
VCC capacitor or during save mode in order to keep the IC alive, for example, connecting
VCC to input voltage through a resistor.
The L6585DE is supplied by the startup MOSFET Q4 and R40 charging the capacitor C25.
A charge pump connected to the auxiliary winding of the HB inductor T2 supplies the
controller via a small linear regulator represented by Q7. Once both stages have been
activated, the controllers are supplied also by the auxiliary winding of the resonant
transformer, assuring correct supply voltage during all load conditions. As the voltage on the
VCC pin reaches the turn-on threshold, the chip is enabled, and the half-bridge and the PFC
sections start at the same time.
2.2
Power factor corrector section
The PFC output voltage is controlled by means of a voltage-mode error amplifier and a
precise internal voltage reference. The PFC section achieves current mode control
operating in transition mode, offering a highly linear multiplier including a THD optimizer that
allows for an extremely low THD, even over a large range of input voltages and loading
conditions.
The controller is the L6585DE (U1), working in transition mode and integrating all functions
that are needed to perform the PFC. It delivers a stable 450 Vdc. It is a conventional boost
converter connected to the output of the rectifier bridge. It includes the coil T1, the PFC
transformer by YuJing, the diode D2 (STTH3L06U) and the PFC output capacitors C2, C3
and C4 by film type of 5 µF/800 V. The T1 provides also the information about the PFC coil
core demagnetization to pin#11 (ZCD) of the L6585DE. The T1 auxiliary winding is
connected to pin#11 (ZCD) of the L6585DE through the resistor R10. Its purpose is to
provide the information that T1 has demagnetized which is needed by the internal logic for
triggering a new switching cycle. The boost switch is represented by the power MOSFET
Q2. The T1 secondary winding (pins#8-6) and related circuitry are dedicated to power the
L6585DE during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com