Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3956 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3956
Description  The STEVAL-CCA029V1 is a demonstration board designed
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3956 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3956 Datasheet HTML 5Page - STMicroelectronics AN3956 Datasheet HTML 6Page - STMicroelectronics AN3956 Datasheet HTML 7Page - STMicroelectronics AN3956 Datasheet HTML 8Page - STMicroelectronics AN3956 Datasheet HTML 9Page - STMicroelectronics AN3956 Datasheet HTML 10Page - STMicroelectronics AN3956 Datasheet HTML 11Page - STMicroelectronics AN3956 Datasheet HTML 12Page - STMicroelectronics AN3956 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN3956
PCB layout
Doc ID 022034 Rev 1
9/14
Figure 8.
Top view of PCB layout - with dimensions
2.2
Design guidelines for PCB schematic and layout
2.2.1
Dumping network
The capacitor is mainly intended for high inductive loads and for common-mode noise
attenuation.
Figure 9.
Dumping network (for one channel)
2.2.2
Filterless operation
The TDA7491LP can avoid using the main filter (LC Butterworth-based filter) if the speakers
are placed at a distance within 50 cm. In order to improve the EMI performance ferrite beads
are used (see Figure 5 and Table 3 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com