Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4121 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 5Page - STMicroelectronics AN4121 Datasheet HTML 6Page - STMicroelectronics AN4121 Datasheet HTML 7Page - STMicroelectronics AN4121 Datasheet HTML 8Page - STMicroelectronics AN4121 Datasheet HTML 9Page - STMicroelectronics AN4121 Datasheet HTML 10Page - STMicroelectronics AN4121 Datasheet HTML 11Page - STMicroelectronics AN4121 Datasheet HTML 12Page - STMicroelectronics AN4121 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN4121
Circuit description
Doc ID 023243 Rev 1
9/26
In standalone operating mode these multipurpose pins output:
●
negative power direction on SYN-NP pin;
●
tamper condition detected on SDA-TD pin;
●
no load condition detected on SCL-NLC pin.
For this reason these pins are connected to the three LEDs, D9, D10 and D11.
In this configuration, the LED pin outputs a pulse train with frequency proportional to the
three-phase power and it is connected to LED D12.
When configured in peripheral operating mode, the SPI port is enabled and some
microcontroller based applications can either read internal data records or write the mode
and configuration signals by means of dedicated protocol, or reset the device.
By default, the STPMC1 is configured in peripheral mode (configuration bits APL=0).
This also implies the following output settings:
●
watchdog reset signal on MON pin;
●
zero-crossing (ZCR) on MOP pin;
●
programmable energy pulsed output on LED pin.
For further information on STPMC1 programmable bit settings, please refer to the
datasheet.
The STPMC1 SPI protocol is explained in detail in a related application note.
Connector P1 is also used in the demonstration phase to connect the measurement module
to a PC through the STPM parallel programmer/reader hardware interface.
This allows the user to set temporary and/or permanently the internal STPMC1 registers
using a dedicated GUI.
The VOTP pin on the connector P1 is used when a host wants to permanently write some
configuration bits in the STPMC1 device. In this case, a +15 V power level must be present
on the VOTP. This level must be delivered from the host itself because the module does not
have an onboard charge pump.
Table 6.
P1 connector pin description
Pin
Pin name
Functional description
1.
VOTP
Power supply input of +15.0 V during permanent write to OTP cells
2.
---
Not connected
3.
GND
Signal reference level 0 V and power supply return
4.
SDA-TD
SPI interface data
5.
SCS
SPI interface enable
6.
SCL-NLC
SPI interface clock
7.
---
Not connected
8.
SYN-NP
SPI interface signal
9.
---
Not connected
10.
VCC
Power-out of +3.3 or 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com