Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4146 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4146
Description  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4146 Datasheet HTML 1Page - STMicroelectronics AN4146 Datasheet HTML 2Page - STMicroelectronics AN4146 Datasheet HTML 3Page - STMicroelectronics AN4146 Datasheet HTML 4Page - STMicroelectronics AN4146 Datasheet HTML 5Page - STMicroelectronics AN4146 Datasheet HTML 6Page - STMicroelectronics AN4146 Datasheet HTML 7Page - STMicroelectronics AN4146 Datasheet HTML 8Page - STMicroelectronics AN4146 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DocID023502 Rev 2
5/30
AN4146
Demonstration board and accessories
1
Demonstration board and accessories
The STSmartVoice board STEVAL-MKI126Vx requires a dedicated interface board,
STEVAL-CCA035V1 (APWLink) or STEVAL-MKI138V1 (ST audio hub), for programming
the device. Additional boards hosting the microphones are compatible with the board using
suitable connectors placed onboard. These boards are listed and shown in the following
sections and figures.
1.1
Interface
The STEVAL-CCA035V1 works as a programming board since it manages writing to the
I2C. The microphone processor is a digital device set using the I2C commands. In addition,
the STEVAL-CCA035V1 also serves as an interface board since the I2S provided by the
processor is routed on its connector (referred to as the APWLink connector). Finally, this
board also provides on the connector the 12.288 MHz clock used by the processor in case
the sampling frequency of the I2S is 192 kHz or 48 kHz.
Figure 2. STEVAL-CCA035V1 (APWLink)
The STEVAL-MKI138V1 performs the functions listed above plus supports audio streaming
via the USB cable. Basically the ST audio hub, using the STM32F107RC microcontroller, is
able to program the STA321MPL device via the I2C and decodes the I2S into a USB stream
in order for the PC to manage the sound captured by the microphones.
Figure 3. STEVAL-MKI138V1 (ST audio hub)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com