Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3380 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC3380
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3380 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC3380_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC3380_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC3380
Rev.3.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
0.4
0.8
1.2
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150
0
0.2
0.6
0.4
0.8
1.0
0.4
0.8
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
1.2
1.6
2.0
IB = 0
2
µA
4
8
9
10
12
14
0
10
30
20
40
50
0.2
0.4
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.6
0.8
1.0
VCE = 20 V
Ta = 25
°C
10
30
100
13
10
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
30
100
Pulse
Ta = 25
°C
VCE = 20 V
10 V
0.1
3
1.0
0.3
10
13
10
Collector Current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
30
100
Pulse
IC = 10 IB
Ta = 25
°C
0
60
40
20
100
80
0.5
1.0
2
5
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
10
20
50
Pulse
VCE = 20 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com