Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4233 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4233
Description  The purpose of this document is to provide a methodology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4233 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4233 Datasheet HTML 1Page - STMicroelectronics AN4233 Datasheet HTML 2Page - STMicroelectronics AN4233 Datasheet HTML 3Page - STMicroelectronics AN4233 Datasheet HTML 4Page - STMicroelectronics AN4233 Datasheet HTML 5Page - STMicroelectronics AN4233 Datasheet HTML 6Page - STMicroelectronics AN4233 Datasheet HTML 7Page - STMicroelectronics AN4233 Datasheet HTML 8Page - STMicroelectronics AN4233 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Contents
AN4233
2/12
Doc ID 024143 Rev 1
Contents
1
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1
Equipment needed and HW and SW configuration . . . . . . . . . . . . . . . . . . 3
1.2
Test procedure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Test results with the STA333IS and 2- or 4-layer PCB . . . . . . . . . . . . . . 6
3.1
STA333IS: 500 mA output current and 2-layer PCB . . . . . . . . . . . . . . . . . . 6
3.2
STA333IS: 1000 mA output current and 2-layer PCB . . . . . . . . . . . . . . . . . 7
3.3
STA333IS: 500 mA output current and 4-layer PCB . . . . . . . . . . . . . . . . . . 8
3.4
STA333IS: 1000 mA output current and 4-layer PCB . . . . . . . . . . . . . . . . . 9
4
Conclusion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com