Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4428 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4428
Description  Best practices in the manufacturing process
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4428 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4428 Datasheet HTML 5Page - STMicroelectronics AN4428 Datasheet HTML 6Page - STMicroelectronics AN4428 Datasheet HTML 7Page - STMicroelectronics AN4428 Datasheet HTML 8Page - STMicroelectronics AN4428 Datasheet HTML 9Page - STMicroelectronics AN4428 Datasheet HTML 10Page - STMicroelectronics AN4428 Datasheet HTML 11Page - STMicroelectronics AN4428 Datasheet HTML 12Page - STMicroelectronics AN4428 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID025706 Rev 1
9/18
AN4428
Quality assurance
18
1.3
Pick-and-place settings
The process of assembly of the printed circuit boards is fully automated owing to dedicated
machines. Basically these machines are used for high-speed, high-precision placement of
electronic components, like capacitors, resistors, or integrated circuits onto the PCB. These
systems normally use pneumatic suction cups, and at the end, a nozzle accurately picks the
device from a predetermined area.
Figure 3. Pick-and-place machine
In the case of microphones, this process must be rigorously controlled since the position of
the nozzle, the force involved in the pick and place, and the mechanical parameters can
damage the structure of the microphone. Hence, a reference/safe pick area is defined for
each microphone depending on the dimension of the package.
The reference pickup area for the generic 4x5 top-port MEMS microphone is shown in
Figure 4.
Figure 4. Picking area for 4 x 5 microphones
Basically the safe area has been set in order to not pick up the component by the top of the
microphone sound port, thus preventing damage to the MEMS membrane or an incorrect
pickup and placement. Additionally this safe area has been dimensioned, considering the
tolerances of all the mechanical parameters involved in the process, i.e. position of the
sound inlet, microphone package dimensions and pocket dimensions.
Suction cup
Nozzle
Device
AM17604v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com