Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17062 Datasheet(PDF) 8 Page - NEC

Part # UPD17062
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17062 Datasheet(HTML) 8 Page - NEC

Back Button UPD17062 Datasheet HTML 4Page - NEC UPD17062 Datasheet HTML 5Page - NEC UPD17062 Datasheet HTML 6Page - NEC UPD17062 Datasheet HTML 7Page - NEC UPD17062 Datasheet HTML 8Page - NEC UPD17062 Datasheet HTML 9Page - NEC UPD17062 Datasheet HTML 10Page - NEC UPD17062 Datasheet HTML 11Page - NEC UPD17062 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 296 page
background image
8
µPD17062
11.5
RETURNING CONTROL FROM INTERRUPT PROCESSING ROUTINE ..................................... 116
11.6
INTERRUPT PROCESSING ROUTINE ........................................................................................... 117
11.7
EXTERNAL INTERRUPTS (INTNC PIN, VSYNC PIN) .......................................................................
121
11.8
INTERNAL INTERRUPT (TIMER, SERIAL INTERFACE) ..............................................................
123
11.9
MULTIPLE INTERRUPTS ................................................................................................................
124
12. TIMER .......................................................................................................................................... 133
12.1
TIMER CONFIGURATION .............................................................................................................. 133
12.2
TIMER FUNCTIONS ........................................................................................................................ 134
12.3
TIMER CARRY FLIP-FLOP (TIMER CARRY FF) ............................................................................
136
12.4
CAUTIONS IN USING THE TIMER CARRY FF ............................................................................. 141
12.5
TIMER INTERRUPT .........................................................................................................................
147
12.6
CAUTIONS IN USING THE TIMER INTERRUPT ..........................................................................
151
13. STANDBY .................................................................................................................................... 153
13.1
STANDBY BLOCK CONFIGURATION ........................................................................................... 153
13.2
STANDBY FUNCTION ....................................................................................................................
154
13.3
DEVICE OPERATION MODE SPECIFIED AT THE CE PIN ...........................................................
155
13.4
HALT FUNCTION ............................................................................................................................ 156
13.5
CLOCK STOP FUNCTION ............................................................................................................... 164
13.6
OPERATION OF THE DEVICE AT A HALT OR CLOCK STOP ....................................................
167
14. RESET .......................................................................................................................................... 171
14.1
RESET BLOCK CONFIGURATION .................................................................................................
171
14.2
RESET FUNCTION .......................................................................................................................... 172
14.3
CE RESET ......................................................................................................................................... 173
14.4
POWER-ON RESET .........................................................................................................................
177
14.5
RELATIONSHIP BETWEEN CE RESET AND POWER-ON RESET ..............................................
180
14.6
POWER FAILURE DETECTION ......................................................................................................
184
15. GENERAL-PURPOSE PORT ....................................................................................................... 189
15.1
CONFIGURATION AND CLASSIFICATION OF GENERAL-PURPOSE PORT ............................
189
15.2
FUNCTIONS OF GENERAL-PURPOSE PORTS ............................................................................
191
15.3
GENERAL-PURPOSE I/O PORTS (P0A, P0B, P1B, P1C) .............................................................
194
15.4
GENERAL-PURPOSE INPUT PORT (P0D) ....................................................................................
198
15.5
GENERAL-PURPOSE OUTPUT PORTS (P0C, P1A) .....................................................................
199
16. SERIAL INTERFACE .................................................................................................................... 201
16.1
SERIAL INTERFACE MODE REGISTER ........................................................................................
201
16.2
CLOCK COUNTER ........................................................................................................................... 206
16.3
STATUS REGISTER ........................................................................................................................ 207
16.4
WAIT REGISTER ............................................................................................................................. 209
16.5
PRESETTABLE SHIFT REGISTER (PSR) ....................................................................................... 214
16.6
SERIAL INTERFACE INTERRUPT SOURCE REGISTER (SIO0IMD) ...........................................
215
16.7
SHIFT CLOCK FREQUENCY REGISTER (SIO0CK) .......................................................................
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com