Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4623 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4623
Description  Memory monitoring using JDC module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4623 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4623 Datasheet HTML 1Page - STMicroelectronics AN4623 Datasheet HTML 2Page - STMicroelectronics AN4623 Datasheet HTML 3Page - STMicroelectronics AN4623 Datasheet HTML 4Page - STMicroelectronics AN4623 Datasheet HTML 5Page - STMicroelectronics AN4623 Datasheet HTML 6Page - STMicroelectronics AN4623 Datasheet HTML 7Page - STMicroelectronics AN4623 Datasheet HTML 8Page - STMicroelectronics AN4623 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID027178 Rev 1
5/16
AN4623
JTAG Data Communication (JDC)
14
1.3
JDC Module Registers
The JDC module has four 32-bit registers.
•
Module Configuration Register (MCR): The MCR is used to enable the interrupt outputs
of the JDC. This register is reset by power-on reset, system destructive reset, and
system functional reset. The MCR register fields are:
–
JIN_IEN: JIN Interrupt Enable. [1 asserts; 0 not assert]
–
JOUT_IEN: JOUT Interrupt Enable. [1 asserts; 0 not assert]
•
Module Status Register (MSR): The MSR holds the JTAG register status and interrupt
bits. This register is reset by power-on reset, system destructive reset, and system
functional reset. The MSR register fields are:
•
JIN_RDY: JIN Ready (read only)
–
1: Set when new data is written to the JIN_IPS register
–
0: Cleared upon software read of JIN_IPS contents via IPS
•
JIN_INT: JIN Interrupt
–
1: Set when new data is written to the JIN_IPS register
–
0: Cleared by writing logic 1
•
JOUT_RDY: JOUT Ready (read only)
–
1: Set when new data is written to the JOUT_IPS register
–
0: Cleared upon tool read of JOUT register via JTAG port
•
JOUT_INT: JOUT Interrupt.
–
1: Set when JOUT_RDY bit is cleared by tool reading JOUT register
–
0: Cleared by writing logic 1
•
JTAG Output IPS Data Register (JOUT_IPS): Contains JOUT_IPS data. The
JOUT_IPS register holds data written via IPS. The JOUT_IPS contents are ported out
and captured into the JOUT register to be read via the JTAG port. This register is reset
by power-on reset, system destructive reset, and system functional reset.
•
JTAG Input IPS Data Register (JIN_IPS): Contains JIN_IPS data. Data written to the
JTAG input data register (JIN) via the JTAG port is held in the JIN_IPS register, where it
can be read via IPS. This register is reset by power-on reset, system destructive reset,
and system functional reset.
1.4
JDC no memory mapped registers definition
The JDC also implements two JTAG accessible registers that are not memory mapped. One
JTAG register is used to shift in data to be placed in the JIN_IPS register. The other JTAG
register captures data from the JOUT_IPS register and ready status from the MSR to be
shifted out via the JTAG port.
•
JTAG output data register (JOUT): The JOUT register captures data from the
JOUT_IPS register upon execution of the JOUT_READ JTAG instruction. It also holds
the JIN_RDY and JOUT_RDY status bits. This register is reset by system destructive
reset and JTAG reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com