Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0837 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0837
Description  SPC560P34x/SPC560P40x Serial Boot with Autobaud Autoscan
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0837 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0837 Datasheet HTML 1Page - STMicroelectronics TN0837 Datasheet HTML 2Page - STMicroelectronics TN0837 Datasheet HTML 3Page - STMicroelectronics TN0837 Datasheet HTML 4Page - STMicroelectronics TN0837 Datasheet HTML 5Page - STMicroelectronics TN0837 Datasheet HTML 6Page - STMicroelectronics TN0837 Datasheet HTML 7Page - STMicroelectronics TN0837 Datasheet HTML 8Page - STMicroelectronics TN0837 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPC560P34x, SPC560P40x
Hardware configuration to select boot mode
Doc ID 022359 Rev 2
5/11
1
Hardware configuration to select boot mode
The SPC560P34x/SPC560P40x devices detect the serial boot mode based on external
pins.
To enter boot mode via FlexCAN or LINFlex, the device must be forced into an Alternate
Boot Loader Mode via the FAB (Force Alternate Boot Mode), which must be asserted before
initiating the reset sequence. The type of alternate boot mode is selected according to the
ABS (Alternate Boot Selector) pins (see Table 1).
Boot configuration pins are:
●
PAD A[2] - ABS[0],
●
PAD A[3] - ABS[1],
●
PAD A[4] - FAB
Note:
PAD A[2] - ABS[0] is not bonded on SPC560P34x/SPC560P40x LQFP64 so for this
package the option 'FlexCAN without Autobaud ' is not available and the internal pull-down
on PAD A[2] assures that it is at low logical value at reset."
1.1
SPC560P34x/SPC560P40x boot pins
The TX/RX pin (LINFlex_0 and FlexCAN_0) used for serial boot and configuration boot pins
to select the serial boot mode are described in the Table 2 for LQFP64 and LQFP100
packages.
Table 1.
Hardware configuration to select boot mode
FAB(1)
1.
During reset the boot configuration pins are weak pull down.
ABS[1,0]
Standby-RAM
boot flag
Boot ID
Boot mode
1
00
0
-
Serial Boot via LINFlex without autobaud
1
01
0
-
Serial Boot via FlexCAN without autobaud
1
100-
Scan of both serial interfaces (FlexCAN and
LINFlex) for Serial Boot with autobaud
Table 2.
SPC560P34x/SPC560P40x boot pins
Port pin
Function
Pin
64-pin
100-pin
A[2](1)
ABS[0]
-
57
A[3](1)
ABS[1]
41
64
A[4](1)
FAB
48
75
B[0]
CAN_0 TX
49
76
B[1]
CAN_0 RX
50
77
B[2]
LIN_0 TX
51
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com