Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0897 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 16Page - STMicroelectronics TN0897 Datasheet HTML 17Page - STMicroelectronics TN0897 Datasheet HTML 18Page - STMicroelectronics TN0897 Datasheet HTML 19Page - STMicroelectronics TN0897 Datasheet HTML 20Page - STMicroelectronics TN0897 Datasheet HTML 21Page - STMicroelectronics TN0897 Datasheet HTML 22Page - STMicroelectronics TN0897 Datasheet HTML 23Page - STMicroelectronics TN0897 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Read operation
TN0897
20/28
Doc ID 023176 Rev 2
5.2
Format of data shifted out at SDO during Read cycle
Figure 9.
SDO Frame composition during READ operation
Failures are indicated by activating the corresponding bit of the <Global Status> register.
The returned data byte(s) represent(s) the content of the register to be read.
Figure 10.
Read operation - 16 bit frame
Global status register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Global Error
Flag (GEF)
Comm
Error
Not (Chip Reset
OR Comm Error)
TSD / chip
overload
Tframe
Device
specific
Device
specific
Fail
Safe
Data byte 1 - content of addressed register
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Data byte 2 - content of addressed register(1)
1.
Only for 24-bit SPI frame width.
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
A0
A1
A2
A3
A4
A5
1
0
CSN
SDI
Command
D0
D1
D2
D3
D4
D5
D6
D7
Fail
Safe
Dev
spec
Dev
spec
Tframe
TSD /
Chip
OVL
NOT
(Chip
Res
OR
Comm
Err)
Com
Error
GEF
SDO
Global Status
Data (8 bit)
GAPGCFT00723



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com