Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FYLS-0603APGC-Z2 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0603APGC-Z2
Description  SMD led lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0603APGC-Z2 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0603APGC-Z2 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603APGC-Z2 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603APGC-Z2 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603APGC-Z2 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603APGC-Z2 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603APGC-Z2 Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603APGC-Z2 Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603APGC-Z2 Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model. No.
Rev.
Min.
Typ.
2.80
---
520
525
360
50% Power Angle
---
130
---
Page
: 3/8
Http://www.foryard.com
Storage Temperature
■
■
■
■ Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
Model No.
:
:
:
:FYLS-0603APGC-Z2
Items
Forward Current(DC)
PD
Unit
mA
mA
FYLS-0603APGC-Z2
■
■
■
■ Absolute Maximun Ratings(Ta=25ººººC)
*Pulse width
≦
≦
≦
≦1msec duty≦
≦
≦
≦1/10
A
Symbol
IFP
Peak Forward Current*
-40ºC
~+100ºC
Soldering Temperature
VR
Tsol
5
Power Dissipation
Operation Temperature
Topr
Mw
℃
IF
100
100
-30
ºC~+80ºC
℃
V
Absolute maximum Rating
30
Items
Forward Voltage
Max
3.60
Reflow Soldering:250
℃/5sec
Reverse Voltage
Peak Emission Wavelength
Dominant Wavelength
Symbol
VF
IR
λp
λD
IF = 20mA
IF = 20mA
Luminous Intensity
IV
2θ½
Condition
IF = 20mA
VR = 5V
IF = 20mA
Reverse Current
10
Unit
V
uA
nm
nm
mcd
Deg
■
■
■
■ Material
Item
Reflector
Wire
Encapsulate
Chip
IF = 20mA
Material
/
Gold
Silicone
InGaN
Note:
2.Pay attention about static for InGaN
1.Luminous Intensity is based on the Foryard standards.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com