Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN443 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN443
Description  SERIES OPERATION OF FAST RECTIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN443 Datasheet(HTML) 5 Page - STMicroelectronics

  AN443 Datasheet HTML 1Page - STMicroelectronics AN443 Datasheet HTML 2Page - STMicroelectronics AN443 Datasheet HTML 3Page - STMicroelectronics AN443 Datasheet HTML 4Page - STMicroelectronics AN443 Datasheet HTML 5Page - STMicroelectronics AN443 Datasheet HTML 6Page - STMicroelectronics AN443 Datasheet HTML 7Page - STMicroelectronics AN443 Datasheet HTML 8Page - STMicroelectronics AN443 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
AN443 APPLICATION NOTE
Example
– Given:
– Maximum blocking voltage: VM = 2500V
– Part number used: BYT12PI-1000
– Power dissipation per diode: P = 7W
– Case temperature: Tcase = 52°C
– Rectifier specification:
–VRRM = 1000V
–IR (Max at Tj = 100°C) = 2.5mA
– Rth j-c = 4°C/W
–Problem:
Calculation of sharing resistors for 3 diodes in series.
– Solutions:
a) Simplified method:
With
n = 3
VRRM = 1000V
VM = 2500V
IR = 2.5mA
Thus
Rmin = 100 k
Ω
Power dissipation per resistor: 3.45 W! (with duty cycle
δ = .5)
b) Calculation with relation (2):
General data for fast rectifiers:
∆IR = 0.85 IRM
k = 0.8
Intermediate calculations:
Tj = P.Rth j-c + Tcase = 80°C
IRM = IRM(80°C)
= IRM(100°C) exp[-0.0054(100-80)]
=0.85mA
∆IRM = 0.72mA
Assuming we use resistors with 5% of tolerance, then a = .10
Let: Rmin = 220 k
Ω
Power dissipation per resistor = 1.58W (with
δ =.5)
Question: is it possible to remove the sharing resistors ?
With the relation (1) we can find the value of V1 when the value of R tends to be infinite. Then we calculate
the condition to have
V1 < VRRM
R
nV
RRM
V
M
–
n1
–
()I
R
---------------------------------
<
R
V
RRM VRRM na
+
() V
M 1a
+
()
–
()
∆I
RVRRM 1a
+
() n1
–
() I
RM
–
1k
–
() 1a
+
() nV
RRM
V
M
–
()
----------------------------------------------------------------------------------------------------------------------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com