Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN604 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN604
Description  Calculation of conduction losses in a power rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN604 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN604 Datasheet HTML 4Page - STMicroelectronics AN604 Datasheet HTML 5Page - STMicroelectronics AN604 Datasheet HTML 6Page - STMicroelectronics AN604 Datasheet HTML 7Page - STMicroelectronics AN604 Datasheet HTML 8Page - STMicroelectronics AN604 Datasheet HTML 9Page - STMicroelectronics AN604 Datasheet HTML 10Page - STMicroelectronics AN604 Datasheet HTML 11Page - STMicroelectronics AN604 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
An application example
AN604
10/12
Doc ID 3607 Rev 3
From Equations (3), (4), (8) and (9) calculate VT0(Tjref1), VT0(Tjref2), RD(Tjref1), RD(Tjref2),
αVT0 and αRD. Calculated values of these parameters are summarized in Table 2.
From Equations 5 and 6 we can write VT0(Tj) and RD(Tj) as follow:
Equation 16
Equation 17
3.3
Conduction losses expression
From Equations 7, 15 and 16 the expression for maximum conduction losses is then:
Equation 18
Finally, let us plot the value of conduction losses in the diode as a function of the junction
temperature (Figure 8).
Figure 8.
Maximum conduction losses versus junction temperature
Table 2.
VT0, RD, αVT0, and αRD parameters
Tjref (°C)
VT0 (V)
RD (mΩ)
αVT0 (V·°C-1)
αRD (Ω·°C-1)
Tjref1 = 25
0.464
14.123
-951.358×10-6
12.839×10-6
Tjref2 = 125
0.368
15.406
j
-6
j
T0
T
10
951.358
-
0.487
)
(T
V
⋅
×
=
j
-6
-3
j
D
T
10
12.839
10
13.802
)
(T
R
⋅
×
+
×
=
j
-3
j
COND(Max)
T
10
3.987
2.866
)
(T
P
⋅
×
+
=
2.0W
2.2W
2.4W
2.6W
2.8W
3.0W
P(T )
COND(Max)
j
25°C 35°C 45°C 55°C 65°C 75°C 85°C 95°C 105°C 115°C 125°C
Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com