Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0759 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0759
Description  L9958 evaluation board and graphical user interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0759 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0759 Datasheet HTML 5Page - STMicroelectronics UM0759 Datasheet HTML 6Page - STMicroelectronics UM0759 Datasheet HTML 7Page - STMicroelectronics UM0759 Datasheet HTML 8Page - STMicroelectronics UM0759 Datasheet HTML 9Page - STMicroelectronics UM0759 Datasheet HTML 10Page - STMicroelectronics UM0759 Datasheet HTML 11Page - STMicroelectronics UM0759 Datasheet HTML 12Page - STMicroelectronics UM0759 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
UM0759
General description
Doc ID 16058 Rev 2
9/26
3.1.4
DC motor connector
There are two connectors on the board can be directly connect to DC motor, C7, C8 is
designed for ESD purpose for DC motor drive.
See below the schematic of this part
Figure 8.
L9958 evaluation board DC motor connector
3.1.5
Jumpers
There are 5 jumpers on the board for VDDIO connection, Power ground, Digital ground
configuration as well as DIR,DI,EN connection for L9958 input digital signal
DC motor connector 1, 2
Table 1.
Jumpers
Type
Description
J1
Connect L9958 VDDIO to D32 (ST10 5V)
J2
DIR is connected to 5V
DIR is connected to GND
DIR is controlled by C17
J3
DI is connected to 5V
DI is connected to GND
DI is controlled by C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com