Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1599 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1599
Description  The STPM01 and STPM1x evaluation software
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1599 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1599 Datasheet HTML 5Page - STMicroelectronics UM1599 Datasheet HTML 6Page - STMicroelectronics UM1599 Datasheet HTML 7Page - STMicroelectronics UM1599 Datasheet HTML 8Page - STMicroelectronics UM1599 Datasheet HTML 9Page - STMicroelectronics UM1599 Datasheet HTML 10Page - STMicroelectronics UM1599 Datasheet HTML 11Page - STMicroelectronics UM1599 Datasheet HTML 12Page - STMicroelectronics UM1599 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID024146 Rev 1
9/17
UM1599
Application menu
The choice of a design method is required to calculate one of the analog front end
components, either Ks or R1 according to the chosen method. A target value is suggested
for this component, and its real value should be chosen as close as possible to it.
Once all these data are input, the “Output” section gives some information about the meter
ratings, like output frequencies, voltage and current maximum ratings and target values of
RMS registers at specified load.
Use the “OK” button to save and close form, “Apply” to save only and “Cancel” to exit
without applying changes.
The “Go To Calibration” button opens the calibration wizard form, if a hardware interface is
selected.
4.3.2
Calibration wizard
To open the calibration wizard, the board has to be connected (through “Option”-”Interface”
menu) and powered on.
The calibration wizard consists of four steps. In the first one, shown in Figure 7, the user has
to insert the board parameters and the working point for calibration, and the number of
current channels used.
Figure 7. Calibration wizard - working point setting
In the second step (Figure 8), the user has to select a design method, choose mutually
compatible sensor sensitivities for voltage and current so to achieve the calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com