Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAT2016R Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2016R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2016R Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2016R_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 7Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 8Page - Renesas Technology Corp HAT2016R_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.10.00 Sep 07, 2005 page 1 of 7
HAT2016R
Silicon N Channel Power MOS FET
High Speed Power Switching
REJ03G1156-1000
(Previous: ADE-208-438H)
Rev.10.00
Sep 07, 2005
Features
• Low on-resistance
• Capable of 4 V gate drive
• Low drive current
• High density mounting
Outline
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8 <FP-8DAV> )
1, 3
Source
2, 4
Gate
5, 6, 7, 8
Drain
G
D
S
D
G
D
S
D
MOS1
MOS2
1
2
78
4
56
3
1 2
3 4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com