Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2640 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 5Page - STMicroelectronics AN2640 Datasheet HTML 6Page - STMicroelectronics AN2640 Datasheet HTML 7Page - STMicroelectronics AN2640 Datasheet HTML 8Page - STMicroelectronics AN2640 Datasheet HTML 9Page - STMicroelectronics AN2640 Datasheet HTML 10Page - STMicroelectronics AN2640 Datasheet HTML 11Page - STMicroelectronics AN2640 Datasheet HTML 12Page - STMicroelectronics AN2640 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AN2640
Half-bridge design criteria
9/36
Figure 6.
54 W lamp power
Figure 7.
80 W lamp power
During the preheating phase in this system the half-bridge works at fixed frequency and the
selected preheating frequency is the best choice according to the selected lamp
specifications.
This working frequency guarantees the right preheating current for all lamps that can be
driven by this system.
After tube recognition the microcontroller sets the right run frequency for the connected
lamp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com