Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2744 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 43Page - STMicroelectronics AN2744 Datasheet HTML 44Page - STMicroelectronics AN2744 Datasheet HTML 45Page - STMicroelectronics AN2744 Datasheet HTML 46Page - STMicroelectronics AN2744 Datasheet HTML 47Page - STMicroelectronics AN2744 Datasheet HTML 48Page - STMicroelectronics AN2744 Datasheet HTML 49Page - STMicroelectronics AN2744 Datasheet HTML 50Page - STMicroelectronics AN2744 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
AN2744
Application ideas
47/56
7
Application ideas
7.1
Three-phase architecture
The ST7538Q modem can be used to communicate on a three-phase network. A
microcontroller should switch communication between the three phases, since the modem
can transmit/receive over only one phase at a time.
In the example scheme of Figure 47, the microcontroller uses three output lines as enable
signals for three switches (typically opto-switches), one for each phase line. For the modem,
there is no difference with respect to single-phase communication.
7.2
Received signal strength indication (RSSI)
In many application fields, measuring the strength of the incoming signal is useful to:
1. evaluate the SNR (signal-to-noise ratio) at the node
2. choose the best routing through the network (if repeaters are allowed)
A possible received signal strength indicator (RSSI) implementation is the one depicted in
Figure 48
, where a peak detector is used to measure the amplitude of the incoming signal.
Figure 47.
Scheme of principle for three-phase architecture
Ph1
Ph3
Ph2
Neutral
T
R
µController
ST7538
Enable
Ph1
Enable
Ph2
Enable
Ph3
RAI
Rx and TX
Filters
ATOP1
ATOP2
Ph1
Ph3
Ph2
Neutral
T
R
µController
ST7538
Enable
Ph1
Enable
Ph2
Enable
Ph3
RAI
Rx and TX
Filters
ATOP1
ATOP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com