Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3152 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3152 Datasheet HTML 4Page - STMicroelectronics AN3152 Datasheet HTML 5Page - STMicroelectronics AN3152 Datasheet HTML 6Page - STMicroelectronics AN3152 Datasheet HTML 7Page - STMicroelectronics AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics AN3152 Datasheet HTML 10Page - STMicroelectronics AN3152 Datasheet HTML 11Page - STMicroelectronics AN3152 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Grid connected inverter
AN3152
8/17
Doc ID 17056 Rev 1
continuous current mode, so the power MOSFET is turned on during the recovery time of
the diode. The BOOST is driven from a microcontroller in order to implement the MPPT.
Some inverter modules adopt a push-pull topology instead of the boost topology, to elevate
the panel solar voltage and achieve galvanic insulation. In this case, more expensive
devices sized for two times the input voltage must be used. If the BUS voltage is 500 V, the
devices must be able to manage at least 1000 V, so 1200 V devices are needed. IGBTs are
commonly used for this voltage range, due to acceptable conduction loss levels.
Unfortunately, IGBTs are not fast devices and they must be used at relatively low
frequencies in order to minimize switching losses. The boost topology permits the use of
more efficient 600-650 V power MOSFET devices, and pushes up the switching frequency.
A higher frequency means smaller and cheaper inductor and bulk capacitors.
The second stage is a “power transformer” stage, as shown in
Figure 3. This is used to
provide galvanic insulation between the panels and the grid. This block is not mandatory in
some countries but is generally used for safety reasons. Its frequency of operation is about
100 kHz in order to minimize transformer size. The power MOSFETs are connected in a
typical bridge configuration, and the devices work on a modified zero-voltage switching
(ZVS) modulation to minimize the switching losses. The bus voltage is 450 V (typ).
The “high performance bridge rectifier” stage is used to rectify the alternating voltage
coming from the “power transformer.” It is composed of four SiC diodes connected in a
Graetz bridge, as shown on the right side of
Figure 3. These diodes are able to work at very
high di/dt, typically greater than 1000 A/µs. The operating frequency is the same as that of
the “power transformer” stage, about 100 kHz.
The “current generator” stage is used to provide and regulate the power generated from
solar panels onto the grid. It consists of a typical buck topology composed of an MDmesh™
V power MOSFET and a SiC diode, as shown in
Figure 4. The operating frequency is about
100 kHz, and the drive signal is modulated in order to follow the 100 Hz of the grid.
The last stage is the “sync bridge rectifier.” This is a simple Graetz bridge used to rectify the
grid and allow the “current generator” to introduce power to the grid during the full sinusoid.
It is composed of four power MOSFETs specially driven and used as synchronous rectifiers
(see
Figure 5). Please note that this stage can be realized with simple diodes, but for
efficiency issues we use a MOSFET as a synchronous rectifier, grid-commutated at twice
the grid frequency. Grid-commutated operation is possible because the input current to the
stage is modulated to the rectified sinusoidal by the “current generator” stage.
Thanks to this solution, a single switch current generator can be adopted using the
STW42N65M5 or STW77N65M5 650 V power MOSFETs. Currently, most solutions adopt a
half-bridge current generator topology instead of a single switch. These solutions are able to
follow the grid voltage on a full sinusoid, but 600-650 V power MOSFETs cannot be used
due to their low breakdown voltage. In fact, in this case the power MOSFETs must be able to
manage at least 750 V on the bus voltage (double the maximum peak-to-peak grid voltage ±
373 V). If a full-bridge inverter topology is used to design a current generator (to unfold the
power to grid, synchronized to the sine wave), PWM modulation must be used. Both fast
switches and diodes must be used in order to increase efficiency. IGBT devices with a
paralleled discrete fast diode are generally used, due to better performance with respect to
the power MOSFET solution. IGBTs are preferred based on the higher performance of the
discrete fast diodes with respect to a power MOSFET internal body diode. Due to the circuit
solutions adopted on this proposed new inverter design, 650 V MDmesh™ V MOSFETs can
be safely used (STW42N65M5 or STW77N65M5). Using MDmesh™ combined with 600 V
SiC diodes (STPSC1006) allows us to increase the frequency of operation and work at high
dI/dt, from 800 A/µs to 2 kA/µs, and more. The capability to operate at a high frequency
translates into being able to use the smallest (and magnetic) transformer, and even smaller
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com