Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3180 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3180 Datasheet HTML 5Page - STMicroelectronics AN3180 Datasheet HTML 6Page - STMicroelectronics AN3180 Datasheet HTML 7Page - STMicroelectronics AN3180 Datasheet HTML 8Page - STMicroelectronics AN3180 Datasheet HTML 9Page - STMicroelectronics AN3180 Datasheet HTML 10Page - STMicroelectronics AN3180 Datasheet HTML 11Page - STMicroelectronics AN3180 Datasheet HTML 12Page - STMicroelectronics AN3180 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
AN3180
Zero-ripple current phenomenon: theory
Doc ID 17273 Rev 1
9/39
To summarize the main results of this brief analysis:
1.
Ripple-current can be reduced to zero in either winding of a two-winding coupled
inductor, but not simultaneously
2.
The only conditions imposed on the voltages that excite the windings, in order to get
ripple current steering, is that they are proportional, with the same frequency and
phase
3.
Provided the above condition on the terminal voltages is met, the zero-ripple current
occurrence in one winding depends on a proper choice of the leakage inductance
associated with the other winding only
4.
As a winding where zero-ripple current occurs is virtually open for AC currents, the
inductance seen at the terminals of the other winding is exactly equal to its self-
inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com