Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3276 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3276 Datasheet HTML 1Page - STMicroelectronics AN3276 Datasheet HTML 2Page - STMicroelectronics AN3276 Datasheet HTML 3Page - STMicroelectronics AN3276 Datasheet HTML 4Page - STMicroelectronics AN3276 Datasheet HTML 5Page - STMicroelectronics AN3276 Datasheet HTML 6Page - STMicroelectronics AN3276 Datasheet HTML 7Page - STMicroelectronics AN3276 Datasheet HTML 8Page - STMicroelectronics AN3276 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN3276
Existing solutions
Doc ID 17975 Rev 1
5/22
This soft switching solution is well known, but it requires that several technical criteria be
met:
●
Reset the current in the inductor L at each switching period, whatever the variations of
the current, and input and output voltages.
●
Recover the saved inductive energy without losses.
●
Limit any overvoltage and overcurrent stress in the semiconductor devices.
●
Keep cost down when adding any device.
●
Maintain a similar power supply density.
There are many circuits that are classified in two families of recovery circuits:
●
active
●
passive
1.3
Active recovery circuit
In the active recovery circuit family, the zero voltage transition (ZVT) [see Section 5:
References, 3.] shown in Figure 4 is well known by designers. This circuit allows both
switch-on and switch-off power losses to be removed.
Figure 4.
Zero voltage transition (ZVT) active recovery circuit
A theoretical study indicates that ZVT is an excellent topology for the PFC application, since
all the switch losses are removed. In addition, this circuit can work whatever the input and
output power variations. Nevertheless, in practice, the recovery current from the boost diode
DB significantly affects the ZVT behavior leading to some constraints on both inductance
and minimum duty cycle. During the reset current in the small inductor L, the recovery
current from D2 involves a high-stress voltage and damping parasitic oscillation. Finally, the
dynamic behavior of the PN diode affects the global ZVT efficiency because conduction
times in the transistor should increase and a dissipative snubber is mandatory to reduce the
electrical stress across the semiconductors.
In terms of cost the ZVT circuit requires an additional power MOSFET and a specific PWM
controller. Several derivative circuits of the ZVT circuit have the same technical issue and
their higher price makes these circuits less than ideal for mass market applications.
Therefore, the passive recovery circuit can be more attractive.
VOUT
Vmains
DB
D2
D1
L
TZVT
TR
LB
Rdamping
Ddamping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com