Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3299 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3299
Description  A hardware and software guide for the STMPE801
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3299 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3299 Datasheet HTML 1Page - STMicroelectronics AN3299 Datasheet HTML 2Page - STMicroelectronics AN3299 Datasheet HTML 3Page - STMicroelectronics AN3299 Datasheet HTML 4Page - STMicroelectronics AN3299 Datasheet HTML 5Page - STMicroelectronics AN3299 Datasheet HTML 6Page - STMicroelectronics AN3299 Datasheet HTML 7Page - STMicroelectronics AN3299 Datasheet HTML 8Page - STMicroelectronics AN3299 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Hardware
AN3299
4/13
Doc ID 18113 Rev 1
1
Hardware
1.1
External components
1.1.1
Typical application circuit
Figure 1.
Typical application schematic
Note:
Recommended connection at reset is based on the use of baseband/CPU GPIO as control
signal. Please refer to Section 1.1.2 for other recommended configurations.
SCLK and SDATA pull up must be to VCC. Pull up to voltage that is less than or greater than
VCC may result in excessive leakage current.
In a typical application, the following external components are required:
●
R1: 10 k
Ω pull-up resistor at reset
●
R2: 2.2 k
Ω-10 kΩ pull-up resistor at INT
●
R3: 2.2 k
Ω-10 kΩ pull-up resistor at SCLK
●
R4: 2.2 k
Ω-10 kΩ pull-up resistor at SDATA
●
R5: 1 M
Ω pull-up/down resistors at address
●
C1: 100 nF capacitor at VCC
●
C2: 100 nF capacitor at VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com