Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3353 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3353
Description  IEC 61000-4-2 standard testing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3353 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3353 Datasheet HTML 1Page - STMicroelectronics AN3353 Datasheet HTML 2Page - STMicroelectronics AN3353 Datasheet HTML 3Page - STMicroelectronics AN3353 Datasheet HTML 4Page - STMicroelectronics AN3353 Datasheet HTML 5Page - STMicroelectronics AN3353 Datasheet HTML 6Page - STMicroelectronics AN3353 Datasheet HTML 7Page - STMicroelectronics AN3353 Datasheet HTML 8Page - STMicroelectronics AN3353 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Contact discharge or air discharge?
AN3353
2/9
Doc ID 018527 Rev 1
1
Contact discharge or air discharge?
According to the standard, contact discharge is the preferred test method. Air discharge
shall be used when contact discharge cannot be applied. Contact discharge is more
dedicated to conductive surfaces and air discharge to insulating surfaces. In case of air
discharge, the current level and rise time are less reproducible and more related to
environmental conditions (humidity, speed of the tip approach etc.).
However, STMicroelectronics protection devices are always specified according to the two
test methods, and the specified levels are most of the time the maximum standard levels.
That is to say 8 kV for contact discharge and 15 kV for air discharge (level 4 of the standard).
Note:
The clamping voltage waveforms of our protection devices given in the datasheets are
measured at 8kV in contact discharge. This test condition gives the worst case clamping
voltage response because the rate of rise of the current gets its highest value (around
45 A/ns). (See Section 5: Clamping voltage measurement.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com