Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3432 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 5Page - STMicroelectronics AN3432 Datasheet HTML 6Page - STMicroelectronics AN3432 Datasheet HTML 7Page - STMicroelectronics AN3432 Datasheet HTML 8Page - STMicroelectronics AN3432 Datasheet HTML 9Page - STMicroelectronics AN3432 Datasheet HTML 10Page - STMicroelectronics AN3432 Datasheet HTML 11Page - STMicroelectronics AN3432 Datasheet HTML 12Page - STMicroelectronics AN3432 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3432
Bypass diode inside the junction box
Doc ID 019041 Rev 1
9/24
Figure 6.
Solar system diagram
Ideally, a bypass diode should have a forward voltage (VF) and a leakage current (IR) as low
as possible. However, these are conflicting objectives. Special care needs to be taken to
eliminate any risk of thermal runaway.
The junction box manufacturers use Schottky diode for its low forward voltage. The choice of
maximum reverse voltage is made versus the number and voltage of the solar cells in
series. Then the trade off “conduction voltage VF/reverse current IR” is selected according to
the total power losses ratings.
2.3
VRRM is the first rating criterion
The maximum repetitive reverse voltage (VRRM) of the bypass diode is directly linked with
the number of cells bridged by the bypass diode.
2.3.1
Maximum number of solar cells to bridge with bypass
The maximum number of cells to bridge is defined by the breakdown voltage (Vc). The
literature gives breakdown voltage (Vc) range for the poly-silicon cells from 12 V to 20 V. For
mono-silicon cells the breakdown voltage extends up to 30 V.
For an efficient operation, there are two conditions to fulfill:
●
Bypass diode has to conduct when one cell is shadowed.
●
The shadowed cell voltage Vs must stay under its breakdown voltage (Vc). It is defined
by the cell manufacturer and is the minimum value of the manufacturing distribution.
The maximum number of solar cells (n max) to bridge is calculated using both these
conditions:
Solar panel
Junction box
Inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com