| Electronic Components Datasheet Search |
|
AN4021 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4021 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() April 2012 Doc ID 022588 Rev 1 1/10 AN4021 Application note Calculation of reverse losses in a power diode Introduction This application note explains how to calculate reverse losses in a power diode by taking into account the impact of the junction temperature (Tj) as well as the reverse voltage VR on the leakage current. The ideal current and voltage waveforms of an ultrafast diode in a power supply system during a switching cycle are illustrated in Figure 1. Figure 1. Ideal current and voltage waveforms of a diode in a switch mode power supply The reverse losses in a diode are the result of a reverse bias applied on the diode. They are due to the leakage current (IR). This parameter (IR) increases exponentially with the junction temperature. Most of time, the reverse losses are negligible for bipolar and silicon carbide diodes. For silicon Schottky structured diodes, these losses should be accurately estimated as they are the main origin of the thermal runaway risk phenomenon (See AN1542). t t VR VF 0 0 δ·TSW F Switching frequency T Switching period Duty cycle T Duration of diode conduction Maximum forward current Minimum forward current Forward voltage Reverse voltage sw sw sw δ δ· V D(t) I D(t) I D(t) I Max I Min V F I Min V D(t) IR VR TSW I Max www.st.com |
Similar Part No. - AN4021 |
|
Similar Description - AN4021 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |